công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV951MK bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
LMV951MK bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 29 page LMV951 SNOSAI3D – OCTOBER 2006 – REVISED SEPTEMBER 2015 www.ti.com Electrical Characteristics: 1.8 V (continued) Unless otherwise specified, all limits specified for at TA = 25°C, V + = 1.8 V, V− = 0 V, V CM = 0.9 V, Shutdown = 0 V, and RL = 1 M Ω. (1) PARAMETER TEST CONDITIONS MIN(2) TYP(3) MAX(2) UNIT TA = 25°C 50 33 RL = 600 Ω to 0.9 V At the temperature extremes 60 Output Voltage Swing High TA = 25°C 25 13 RL = 2 kΩ to 0.9 V mV At the temperature extremes 34 VOUT from TA = 25°C 80 54 rail RL = 600 Ω to 0.9 V At the temperature extremes 105 Output Voltage Swing Low TA = 25°C 35 17 RL = 2 kΩ to 0.9 V At the temperature extremes 44 Sourcing TA = 25°C 50 85 VO = 0 V, VIN(DIFF) = At the temperature extremes 35 ±0.2 V Output Short-Circuit IOUT mA Current (4) Sinking TA = 25°C 45 80 VO = 1.8 V, VIN(DIFF) = At the temperature extremes 25 ±0.2 V TA = 25°C 570 780 Active Mode VSD <0.5 V At the temperature extremes 880 IS Supply Current μA TA = 25°C 0.3 2.2 Shutdown Mode VSD >1.3 V At the temperature extremes 10 SR Slew Rate See (5) 1.4 V/ μs GBWP Gain Bandwidth Product 2.8 MHz Input-Referred Voltage 25 en f = 1 kHz nV/ √Hz Noise Input-Referred Current 0.2 in f = 1 kHz pA/Hz Noise THD Total Harmonic Distortion f = 1 kHz, AV = 1, RL = 1 kΩ 0.02% Active Mode, VSD = 0 V .001 1 ISD Shutdown Pin Current µA Shutdown Mode, VSD = 1.8 V .001 1 Active Mode 0 0.5 Shutdown Pin Voltage VSD V Range Shutdown Mode 1.45 1.8 (4) The short-circuit test is a momentary test, the short-circuit duration is 1.5 ms. (5) Number specified is the average of the positive and negative slew rates. 6 Submit Documentation Feedback Copyright © 2006–2015, Texas Instruments Incorporated Product Folder Links: LMV951 |
Số phần tương tự - LMV951MK |
|
Mô tả tương tự - LMV951MK |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |