công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV951 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMV951
Giải thích chi tiết về linh kiện  1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV951 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMV951 Datasheet HTML 1Page - Texas Instruments LMV951 Datasheet HTML 2Page - Texas Instruments LMV951 Datasheet HTML 3Page - Texas Instruments LMV951 Datasheet HTML 4Page - Texas Instruments LMV951 Datasheet HTML 5Page - Texas Instruments LMV951 Datasheet HTML 6Page - Texas Instruments LMV951 Datasheet HTML 7Page - Texas Instruments LMV951 Datasheet HTML 8Page - Texas Instruments LMV951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMV951
SNOSAI3D – OCTOBER 2006 – REVISED SEPTEMBER 2015
www.ti.com
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Temperature Range (1)
–40
125
°C
Supply Voltage
0.9
3
V
(1)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = TJ(MAX) - TA)/RθJA. All numbers apply for packages soldered directly onto a PC Board.
6.4 Thermal Information
LMV951
THERMAL METRIC(1)
DDC (SOT)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance(2)
170
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = TJ(MAX) - TA)/RθJA. All numbers apply for packages soldered directly onto a PC Board.
6.5 Electrical Characteristics: 1 V
Unless otherwise specified, all limits specified for at TA = 25°C, V
+ = 1, V= 0 V, V
CM = 0.5 V, Shutdown = 0 V, and RL = 1
M
Ω.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
TA = 25°C
1.5
2.8
VOS
Input Offset Voltage
mV
At the temperature extremes
3
TC VOS
Input Offset Average Drift
0.15
μV/°C
TA = 25°C
32
80
IB
Input Bias Current
nA
At the temperature extremes
85
IOS
Input Offset Current
0.2
nA
TA = 25°C
67
77
0 V
≤ VCM ≤ 1 V
At the temperature extremes
55
CMRR
Common-Mode Rejection Ratio
dB
TA = 25°C
76
85
0.1 V
≤ VCM ≤ 1 V
At the temperature extremes
73
TA = 25°C
70
92
1 V
≤ V+ ≤ 1.8 V, VCM
= 0.5 V
At the temperature extremes
67
PSRR
Power Supply Rejection Ratio
dB
TA = 25°C
68
85
1 V
≤ V+ ≤ 3 V, VCM =
0.5 V
At the temperature extremes
65
CMRR
≥ 67 dB
0
1.2
Input Common-Mode Voltage
VCM
V
Range
CMRR
≥ 55 dB
At the temperature extremes
0
1.2
TA = 25°C
90
106
VOUT = 0.1 V to 0.9 V
RL = 600 Ω to 0.5 V
At the temperature extremes
85
AV
Large Signal Voltage Gain
dB
TA = 25°C
90
112
VOUT = 0.1 V to 0.9 V
RL = 2 kΩ to 0.5 V
At the temperature extremes
86
TA = 25°C
50
25
RL = 600 Ω to 0.5 V
At the temperature extremes
62
Output Voltage Swing High
TA = 25°C
25
12
RL = 2 kΩ to 0.5 V
At the temperature extremes
36
mV from
VOUT
rail
TA = 25°C
70
32
RL = 600 Ω to 0.5 V
At the temperature extremes
85
Output Voltage Swing Low
TA = 25°C
35
10
RL = 2 kΩ to 0.5 V
At the temperature extremes
40
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions is very limited self-
heating of the device.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LMV951


Số phần tương tự - LMV951

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MK NSC-LMV951MK Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKNOPB NSC-LMV951MKNOPB Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKX NSC-LMV951MKX Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
LMV951MKXNOPB NSC-LMV951MKXNOPB Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
More results

Mô tả tương tự - LMV951

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV951 TI-LMV951_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV951 1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input and Output Amplifier With Shutdown
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
logo
Analog Devices
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com