công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FWS-7400W6-H25-B10-000 bảng dữ liệu(PDF) 1 Page - AAEON Technology

tên linh kiện FWS-7400W6-H25-B10-000
Giải thích chi tiết về linh kiện  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AAEON [AAEON Technology]
Trang chủ  http://www.aaeon.com
Logo AAEON - AAEON Technology

FWS-7400W6-H25-B10-000 bảng dữ liệu(HTML) 1 Page - AAEON Technology

  FWS-7400W6-H25-B10-000 Datasheet HTML 1Page - AAEON Technology FWS-7400W6-H25-B10-000 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15-11
Note: All specifications are subject to change without notice.
15
Features
Specifications
Rear View
FWS-7400
Front View
1U Rackmount 6 LAN Ports Network Appliance with Intel® H81 Chipset
1U Rackmount Network Appliance
LGA1150 4th Generation Intel® Core™ Processor
240-pin DDR3L 1333/1600 MHz DIMM x 2, Up to 16 GB
Gigabit Ethernet x 6 (Optional Up to 2 Pairs LAN Bypass Function)
Internal 3.5” SATA HDD x 1 or 2.5” SATA HDD x 2, CompactFlash™
Socket x 1
LCM with Keypad x 1
RJ-45 for Console x 1, USB 3.0
250W AC Type Power Input Requirement
VGA Header x 1 (Optional VGA Cable with Rear Bracket)
PCI-E [x8] Expansion Slot x 1
(Optional)
System Fan x 2
(Smart Fan Supported)
250W ATX Power
Power Switch
RJ-45 Console x 1
LED Indicators
SW Programmable Button
LCM with keypad
USB 3.0 x 2
RJ-45 LAN x 6
NIM Slot x 1 (Optional)
Platform
Form Factor
1U Rackmount Network Platform
Processor
Intel® LGA1150 4th Gen Core™ Processor
Chipset
Intel® H81
System Memory
DDR3L 1333/1600 UDIMM, up to 16GB, 240-pin DIMM x 2
Network
Ethernet
1GbE x 6 + NIM
Bypass
2 ~ 4 (Depends on NIM)
NIM Slot
1
Display
Graphic Controller
Intel® Integrated
Connector
VGA cable (Optional)
Storage
HDDs
Internal 3.5” SATA HDD x 1 or 2.5” SATA HDD x 2 (Optional)
CF/CFast/mSATA
CF socket x 1
Expansion/Internal Interface
PCIe slot
PCIe [x8] slot x 1 (Optional), cannot use w/ NIM
Mini-card slot
IPMI
Keyboard and Mouse
Reserve pin-header
Universal Serial Bus
USB 2.0 x 2 Box Header (2.0mm) (optional)
Miscellaneous
RTC
Internal RTC
Watchdog Timer
1~255 steps by software programmable
Software Button
GPIO Programmable push button x 1
TPM
GPIO
FAN
2
MTBF (Hours)
106,000
Color
Black
Environmental Parameters and Dimension
Power Requirement
250W ATX PSU
Operation Temp.
32°F ~ 104°F (0°C ~ 40°C)
Storage Temp.
-4°F ~ 140°F (-20°C ~ 60°C)
Operating Humidity
10 ~ 80%
Storage Humidity
10 ~ 80% @ 40°C, non-condensing
Vibration
0.5 Grms/ 5 ~ 500Hz/ operation (3.5” H.D.D)
1.5 Grms/ 5 ~ 500Hz/ no operation
Shock
10G peak acceleration (11 m sec. duration), operation
20G peak acceleration (11 m sec. duration), non-operation
Chassis Dimension
(W x D x H)
16.93” x 12.01” x1.73”
(430mm x 305mm x 44mm)
I/O Interfaces
Front Panel
- Power LED x 1
- Status LED x 1
- HDD Active LED x 1
- LAN ports Link/Active LED x 6
- Bypass LED (Default 2 LEDs)
- USB 3.0 Ports x 2
- RJ-45 Console x 1
- Parallel LCM display and 4 keypad x 1
- Software Programmable Switch x 1
Rear Panel
- AC Power Input x 1
- Power Switch x 1
- VGA port (Optional)
- Rear Expansion Slot x 2 (Optional)


Số phần tương tự - FWS-7400W6-H25-B10-000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AAEON Technology
FWS-7400 AAEON-FWS-7400 Datasheet
118Kb / 1P
   supports 2 pairs bypass function
More results

Mô tả tương tự - FWS-7400W6-H25-B10-000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com