công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC141585 bảng dữ liệu(PDF) 6 Page - Motorola, Inc |
|
MC141585 bảng dữ liệu(HTML) 6 Page - Motorola, Inc |
6 / 27 page MC141585 6 MOTOROLA PIN DESCRIPTION VSS(Pin 1) This is the ground pin for the chip. PIXin (Pin 2) This is the Pixel clock input for chip. The MC141585 chip is driven by this pixel clock for all the logics inside. NC (Pin 3) No connection. VDD (Pin 4) This is the +5V power pin for the chip. HSYNC (Pin 5) This pin inputs a horizontal synchronize signal. It is nega- tive polarity by default. The leading edge of HSYNC synchro- nizes its internal horizontal timing. The maximum input ratio between PIXin/HSYNC should not greater than 1580 for dis- playing 12X18 font matrix. For displaying 10X18 font matrix, this ratio should not greater than 1280. RESET (Pin 6) An active low signal will reset ROW15 and ROW16 control registers. Refer to Control Registers section for default set- tings. A proper RC network have to be tighted to this pin to ensure the device initialize properly during power up. Refer to the application diagram. SDA (Pin 7) Data and control message are being transmitted to this chip from a host MCU via M_bus systems. This wire is con- figurated as a uni-directional data line. (Detailed description of protocols will be discussed in the M_BUS section). SCL (Pin 8) A separate synchronizing clock input from the transmitter is required for M_Bus protocol. Data is read at the rising edge of each clock signal. VDD (Pin 9) This is the power pin for the digital logic of the chip. VSYNC (Pin 10) Similar to Pin 5, this pin inputs a vertical synchronize sig- nal to synchronize the vertical control circuit. It is negative polarity by default. VDD(I) (Pin 11) This is the voltage supply of RGB outputs when low inten- sity of Windows/ROW is selected. The RBG output level would be equal to VDD(I) in this case. Please refer to Row Attribute/Window registers for more detail. The input voltage for this pin should be equal to or less than VDD(Pin 17) for normal operation. FBKG (Pin 12) This pin will output a logic high while displaying characters or windows. It is defaulted to high impedance state after pow- er on, or when there is no output. An external 10 k Ω resistor pulled low is recommended to avoid level toggling caused by hand effect when there is no output. B,G,R (Pin 13, 14, 15) LMOSD2-16 color outputs in CMOS level to the host mon- itor. These three signals are open drain outputs if 3_STATE bit is set and the color intensity is inactive. Otherwise, they are active high push-pull outputs. See “REGISTERS” for more information. These pins are in high impedance state after power on. VSS (Pin 24) This is the ground pin for the digital logic of the chip. SYSTEM DESCRIPTION MC141585 is a full screen memory architecture. Refresh is done by the built-in circuitry after a screenful of display data has been loaded in through the serial bus. Only changes to the display data need to be input afterward. Serial data, which includes screen mapping address, dis- play information, and control messages, are being transmit- ted via M_BUS. Data is first received and saved in the MEM- ORY MANAGEMENT CIRCUIT in the Block Diagram. Meanwhile, the LMOSD2-16 is continuously retrieving the data and putting it into a ROW BUFFER for display and re- freshing, row after row. During this storing and retrieving cy- cle, a BUS ARBITRATION LOGIC will patrol the internal traf- fic, to make sure that no crashes occur between the slower serial bus receiver and fast ‘screen-refresh’ circuitry. After the full screen display data is received through one of the serial communication interface, the link can be terminated if change on display is not required. The bottom half of the Block Diagram constitutes the heart of this entire system. It performs all the LMOSD2-16 func- tions such as programmable vertical length (from 16 lines to 63 lines), bordering or shadowing, and multiple windowing. COMMUNICATION PROTOCOLS M_BUS Serial Communication This is a two-wire serial communication link that is fully compatible with the IIC bus system. It consists of SDA bidi- rectional data line and SCL clock input line. Data is sent from a transmitter (master), to a receiver (slave) via the SDA line, and is synchronized with a transmitter clock on the SCL line at the receiving end. The maximum data rate is limited to 400 kbps.The default chip address is $7A. Please refer to the IIC-Bus specification for detail timing requirement. Operating Procedure Figure 2 shows the M_BUS transmission format. The mas- ter initiates a transmission routine by generating a START condition, followed by a slave address byte. Once the ad- dress is properly identified, the slave will respond with an AC- KNOWLEDGE signal by pulling the SDA line LOW during the ninth SCL clock. Each data byte which then follows must be eight bits long, plus the ACKNOWLEDGE bit, to make up nine bits together. Appropriate row and column address infor- mation and display data can be downloaded sequentially in one of the three transmission formats described in DATA TRANSMISSION FORMATS SECTION. In the cases of no ACKNOWLEDGE or completion of data transfer, the master will generate a STOP condition to terminate the transmission routine. Note that the OSD_EN bit must be set after all the display information has been sent in order to activate the |
Số phần tương tự - MC141585 |
|
Mô tả tương tự - MC141585 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |