công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UA741MJB bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện UA741MJB
Giải thích chi tiết về linh kiện  General-Purpose Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UA741MJB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  UA741MJB Datasheet HTML 1Page - Texas Instruments UA741MJB Datasheet HTML 2Page - Texas Instruments UA741MJB Datasheet HTML 3Page - Texas Instruments UA741MJB Datasheet HTML 4Page - Texas Instruments UA741MJB Datasheet HTML 5Page - Texas Instruments UA741MJB Datasheet HTML 6Page - Texas Instruments UA741MJB Datasheet HTML 7Page - Texas Instruments UA741MJB Datasheet HTML 8Page - Texas Instruments UA741MJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
uA741
www.ti.com
SLOS094E – NOVEMBER 1970 – REVISED JANUARY 2015
7.3 Electrical Characteristics
μA741C, μA741M
at specified virtual junction temperature, VCC± = ±15 V (unless otherwise noted)
μA741C
μA741M
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25°C
1
6
1
5
VIO
Input offset voltage
VO = 0
mV
Full range
7.5
±15
6
ΔVIO(adj)
Offset voltage adjust range
VO = 0
25°C
±15
20
200
mV
25°C
20
200
500
IIO
Input offset current
VO = 0
nA
Full range
300
500
25°C
80
500
80
500
IIB
Input bias current
VO = 0
nA
Full range
800
1500
25°C
±12
±13
±12
±13
VICR
Common-mode input voltage range
V
Full range
±12
±12
RL = 10 kΩ
25°C
±12
±14
±12
±14
RL ≥ 10 kΩ
Full range
±12
±12
VOM
Maximum peak output voltage swing
V
RL = 2 kΩ
25°C
±10
±10
±13
RL ≥ 2kΩ
Full range
±10
±10
RL ≥ 2kΩ
25°C
20
200
50
200
Large-signal differential voltage
AVD
V/mV
amplification
VO = ±10 V
Full range
15
25
ri
Input resistance
25°C
0.3
2
0.3
2
M
Ω
ro
Output resistance
VO = 0, See
(2)
25°C
75
75
Ω
Ci
Input capacitance
25°C
1.4
1.4
pF
25°C
70
90
70
90
CMRR
Common-mode rejection ratio
VIC = VICRmin
dB
Full range
70
70
25°C
30
150
30
150
kSVS
Supply voltage sensitivity (
ΔVIO/ΔVCC) VCC = ±9 V to ±15 V
µV/V
Full range
150
150
IOS
Short-circuit output current
25°C
±25
±40
±25
±40
mA
25°C
1.7
2.8
1.7
2.8
ICC
Supply current
VO = 0, No load
mA
Full range
3.3
3.3
25°C
50
85
50
85
PD
Total power dissipation
VO = 0, No load
mW
Full range
100
100
(1)
All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Full
range for the µA741C is 0°C to 70°C and the µA741M is –55°C to 125°C.
(2)
This typical value applies only at frequencies above a few hundred hertz because of the effects of drift and thermal feedback.
Copyright © 1970–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: uA741


Số phần tương tự - UA741MJB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UA741MJB TI-UA741MJB Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJB TI-UA741MJB Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MJB TI-UA741MJB Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Mô tả tương tự - UA741MJB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com