công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP07DDRE4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OP07DDRE4
Giải thích chi tiết về linh kiện  Precision Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OP07DDRE4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  OP07DDRE4 Datasheet HTML 1Page - Texas Instruments OP07DDRE4 Datasheet HTML 2Page - Texas Instruments OP07DDRE4 Datasheet HTML 3Page - Texas Instruments OP07DDRE4 Datasheet HTML 4Page - Texas Instruments OP07DDRE4 Datasheet HTML 5Page - Texas Instruments OP07DDRE4 Datasheet HTML 6Page - Texas Instruments OP07DDRE4 Datasheet HTML 7Page - Texas Instruments OP07DDRE4 Datasheet HTML 8Page - Texas Instruments OP07DDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
OP07C, OP07D
www.ti.com
SLOS099G – OCTOBER 1983 – REVISED NOVEMBER 2014
7.5 Electrical Characteristics
at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
(1)
OP07C
OP07D
PARAMETER
TEST CONDITIONS
TA
(2)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25°C
60
150
VIO
Input offset voltage
VO = 0 V
RS = 50 Ω
µV
0°C to 70°C
85
250
Temperature coefficient
αVIO
VO = 0 V
RS = 50 Ω
0°C to 70°C
0.5
2.5
µV/°C
of input offset voltage
Long-term drift of input
See
0.4
µV/mo
offset voltage
Offset adjustment range
RS = 20 kΩ,
See Figure 2
25°C
±4
mV
25°C
0.8
6
IIO
Input offset current
nA
0°C to 70°C
1.6
8
Temperature coefficient
αIIO
0°C to 70°C
12
50
pA/°C
of input offset current
25°C
±1.8
±12
IIB
Input bias current
nA
0°C to 70°C
±2.2
±14
Temperature coefficient
αIIB
0°C to 70°C
18
50
pA/°C
of input bias current
25°C
±13
±14
±13
±14
Common-mode input
VICR
V
voltage range
0°C to 70°C
±13
±13.5
±13
±13.5
RL ≥ 10 kΩ
±12
±13
±12
±13
RL ≥ 2 kΩ
25°C
±11.5
±12.8
±11.5
±12.8
VOM
Peak output voltage
V
RL ≥ 1 kΩ
±12
±12
RL ≥ 2 kΩ
0°C to 70°C
±11
±12.6
±11
±12.6
VCC = 15 V, VO = 1.4 V to 11.4 V,
25°C
100
400
400
RL ≥ 500 kΩ
Large-signal differential
AVD
V/mV
voltage amplification
25°C
120
400
120
400
VO = ±10, RL = 2 kΩ
0°C to 70°C
100
400
100
400
B1
Unity-gain bandwidth
25°C
0.4
0.6
0.4
0.6
MHz
ri
Input resistance
25°C
8
33
7
31
M
Ω
25°C
100
120
94
110
Common-mode
CMRR
VIC = ±13 V, RS = 50 Ω
dB
rejection ratio
0°C to 70°C
97
120
94
106
25°C
7
32
7
32
Supply-voltage sensitivity
kSVS
VCC+ = ±3 V to ±18 V, RS = 50 Ω
µV/V
(
ΔVIO/ΔVCC)
0°C to 70°C
10
51
10
51
VO = 0, No load
80
150
80
150
PD
Power dissipation
25°C
mW
VCC+ = ±3 V, VO = 0, No load
4
8
4
8
(1)
Because long-term drift cannot be measured on the individual devices prior to shipment, this specification is not intended to be a
warranty. It is an engineering estimate of the averaged trend line of drift versus time over extended periods after the first 30 days of
operation.
(2)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
Copyright © 1983–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OP07C OP07D


Số phần tương tự - OP07DDRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OP07DDRE4 TI-OP07DDRE4 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07DDRE4 TI1-OP07DDRE4 Datasheet
922Kb / 21P
[Old version datasheet]   Precision Operational Amplifie
OP07DDRE4 TI-OP07DDRE4 Datasheet
1Mb / 22P
[Old version datasheet]   OP07x Precision Operational Amplifiers
OP07
More results

Mô tả tương tự - OP07DDRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
   Precision, Micropower Operational Amplifiers
REV. C
logo
Harris Corporation
CA3493 HARRIS-CA3493 Datasheet
511Kb / 11P
   BiMOS Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com