công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL081BCPE4 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
TL081BCPE4 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
7 / 50 page TL081, TL081A, TL081B, TL082, TL082A TL082B, TL084, TL084A, TL084B www.ti.com SLOS081I – FEBRUARY 1977 – REVISED MAY 2015 Electrical Characteristics for TL08xC, TL08xxC, and TL08xI (continued) VCC± = ±15 V (unless otherwise noted) TL081C, TL082C, TL081AC, TL082AC, TL081BC, TL082BC, TL081I, TL082I, TEST TL084C TL084AC TL084BC TL084I PARAMETER TA (1) UNIT CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX Supply current VO = 0, ICC 25°C 1.4 2.8 1.4 2.8 1.4 2.8 1.4 2.8 mA (each No load amplifier) Crosstalk VO1/VO2 AVD = 100 25°C 120 120 120 120 dB attenuation 6.6 Electrical Characteristics for TL08xM and TL084x VCC± = ±15 V (unless otherwise noted) TL081M, TL082M TL084Q, TL084M PARAMETER TEST CONDITIONS(1) TA UNIT MIN TYP MAX MIN TYP MAX 25°C 3 6 3 9 VIO Input offset voltage VO = 0, RS = 50 Ω mV Full range 9 15 Temperature αVIO coefficient of input VO = 0, RS = 50 Ω Full range 18 18 μV/°C offset voltage 25°C 5 100 5 100 pA IIO Input offset current(2) VO = 0 125°C 20 20 nA 25°C 30 200 30 200 pA IIB Input bias current(2) VO = 0 125°C 50 50 nA –12 –12 Common-mode VICR 25°C ±11 to ±11 to V input voltage range 15 15 RL = 10 kΩ 25°C ±12 ±13.5 ±12 ±13.5 Maximum peak VOM RL ≥ 10 kΩ ±12 ±12 V output voltage swing Full range RL ≥ 2 kΩ ±10 ±12 ±10 ±12 25°C 25 200 25 200 Large-signal differential AVD VO = ±10 V, RL ≥ 2 kΩ V/mV voltage amplification Full range 15 15 B1 Unity-gain bandwidth 25°C 3 3 MHz ri Input resistance 25°C Ω 1012 1012 Common-mode VIC = VICRmin, CMRR 25°C 80 86 80 86 dB rejection ratio VO = 0, RS = 50 Ω Supply-voltage VCC = ±15 V to ±9 V, kSVR rejection ratio 25°C 80 86 80 86 dB VO = 0, RS = 50 Ω ( ΔVCC±/ΔVIO) Supply current ICC VO = 0, No load 25°C 1.4 2.8 1.4 2.8 mA (each amplifier) VO1/VO2 Crosstalk attenuation AVD = 100 25°C 120 120 dB (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. (2) Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 13. Pulse techniques must be used that maintain the junction temperatures as close to the ambient temperature as possible. 6.7 Operating Characteristics VCC± = ±15 V, TA= 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VI = 10 V, RL = 2 kΩ, CL = 100 pF, 8(1) 13 See Figure 19 SR Slew rate at unity gain V/ μs VI = 10 V, RL = 2 kΩ, CL = 100 pF, TA = − 55°C to 125°C, 5(1) See Figure 19 (1) On products compliant to MIL-PRF-38535, this parameter is not production tested. Copyright © 1977–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B |
Số phần tương tự - TL081BCPE4 |
|
Mô tả tương tự - TL081BCPE4 |