công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV982-N bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMV982-N
Giải thích chi tiết về linh kiện  Dual 1.8V, RRIO Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV982-N bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMV982-N Datasheet HTML 1Page - Texas Instruments LMV982-N Datasheet HTML 2Page - Texas Instruments LMV982-N Datasheet HTML 3Page - Texas Instruments LMV982-N Datasheet HTML 4Page - Texas Instruments LMV982-N Datasheet HTML 5Page - Texas Instruments LMV982-N Datasheet HTML 6Page - Texas Instruments LMV982-N Datasheet HTML 7Page - Texas Instruments LMV982-N Datasheet HTML 8Page - Texas Instruments LMV982-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
LMV981-N Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
Check for Samples: LMV981-N, LMV982-N
1
FEATURES
DESCRIPTION
LMV981-N/LMV982 are low voltage, low power
2
(Typical 1.8V Supply Values; Unless Otherwise
operational amplifiers. LMV981-N/LMV982 operate
Noted)
from +1.8V to +5.0V supply voltages and have rail-to-
Ensured 1.8V, 2.7V and 5V Specifications
rail
input
and
output.
LMV981-N/LMV982
input
Output Swing
common mode voltage extends 200mV beyond the
supplies which enables user enhanced functionality
w/600
Ω load 80mV from Rail
beyond the supply voltage range. The output can
w/2k
Ω load 30mV from Rail
swing rail-to-rail unloaded and within 105mV from the
VCM 200mV Beyond Rails
rail with 600
Ω load at 1.8V supply. LMV981-
N/LMV982 are optimized to work at 1.8V which make
Supply Current (Per Channel) 100
μA
them ideal for portable two-cell battery powered
Gain Bandwidth Product 1.4MHz
systems and single cell Li-Ion systems.
Maximum VOS 4.0mV
LMV981-N/LMV982 offer a shutdown pin that can be
Gain w/600
Ω Load 101dB
used to disable the device and reduce the supply
Ultra Tiny Package DSBGA 1.0mm x 1.5mm
current. The device is in shutdown when the SHDN-
pin = low. The output will be high impedance in
Turn-On Time from Shutdown 19
μs
shutdown.
Temperature Range
−40°C to 125°C
LMV981-N/LMV982 exhibit excellent speed-power
ratio, achieving 1.4MHz gain bandwidth product at
APPLICATIONS
1.8V supply voltage with very low supply current.
Industrial and Automotive
LMV981-N/LMV982 are capable of driving a 600
Consumer Communication
load and up to 1000pF capacitive load with minimal
ringing. LMV981-N/LMV982 have a high DC gain of
Consumer Computing
101dB, making them suitable for low frequency
PDAs
applications.
Portable audio
LMV981-N is offered in space saving 6-Bump
Portable/Battery-Powered Electronic
DSBGA, SC70-6 and SOT-23-6 packages. The 6-
Equipment
Bump DSBGA package has only a 1.006mm x
1.514mm x 0.945mm footprint. LMV982 is offered in
Supply Current Monitoring
space saving VSSOP-10 package. These small
Battery Monitoring
packages are ideal solutions for area constrained PC
boards and portable electronics such as cellular
phones and PDAs.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LMV982-N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV982 NSC-LMV982 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV982 TI-LMV982 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
ON Semiconductor
LMV982 ONSEMI-LMV982 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
LMV982DMR2G ONSEMI-LMV982DMR2G Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
LMV982DMR2G ONSEMI-LMV982DMR2G Datasheet
387Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
More results

Mô tả tương tự - LMV982-N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com