công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV981MFX bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LMV981MFX
Giải thích chi tiết về linh kiện  Dual 1.8V, RRIO Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV981MFX bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMV981MFX Datasheet HTML 1Page - Texas Instruments LMV981MFX Datasheet HTML 2Page - Texas Instruments LMV981MFX Datasheet HTML 3Page - Texas Instruments LMV981MFX Datasheet HTML 4Page - Texas Instruments LMV981MFX Datasheet HTML 5Page - Texas Instruments LMV981MFX Datasheet HTML 6Page - Texas Instruments LMV981MFX Datasheet HTML 7Page - Texas Instruments LMV981MFX Datasheet HTML 8Page - Texas Instruments LMV981MFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LMV981-N, LMV982-N
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
1.8V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 1.8V, V = 0V, V
CM = V
+/2, V
O = V
+/2, R
L > 1 MΩ and SHDN
tied to V
+. Boldface limits apply at the temperature extremes. See (1).
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
SR
Slew Rate
See (4)
0.35
V/
μs
GBW
Gain-Bandwidth Product
1.4
MHz
Φm
Phase Margin
67
deg
Gm
Gain Margin
7
dB
en
Input-Referred Voltage Noise
f = 10 kHz, VCM = 0.5V
60
nV/
√Hz
in
Input-Referred Current Noise
f = 10 kHz
0.08
pA/
√Hz
THD
Total Harmonic Distortion
f = 1kHz, AV = +1
0.023
%
RL = 600Ω, VIN = 1 VPP
Amp-to-Amp Isolation
See (5)
123
dB
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self heating where TJ > TA. See Application Note section for information on temperature derating of
this device. Absolute Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded,
either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Connected as voltage follower with input step from Vto V+. Number specified is the slower of the positive and negative slew rates.
(5)
Input referred, RL = 100kΩ connected to V
+/2. Each amp excited in turn with 1kHz to produce V
O = 3VPP. (For Supply Voltages <3V, VO
= V+).
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = V
+/2, V
O = V
+/2, R
L > 1 MΩ and SHDN
tied to V
+. Boldface limits apply at the temperature extremes. See (1).
Parameter
Test Conditions
Min (2)
Typ (3)
Max (2)
Units
VOS
Input Offset Voltage
LMV981-N (Single)
1
4
mV
6
LMV982 (Dual)
1
6
mV
7.5
TCVOS
Input Offset Voltage Average Drift
5.5
μV/°C
IB
Input Bias Current
15
35
nA
50
IOS
Input Offset Current
8
25
nA
40
IS
Supply Current (per channel)
105
190
210
In Shutdown
LMV981-N (Single)
0.061
1
μA
2
LMV982 (Dual)
0.101
3.5
5
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self heating where TJ > TA. See Application Note section for information on temperature derating of
this device. Absolute Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded,
either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMV981-N LMV982-N


Số phần tương tự - LMV981MFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV981MFX NSC-LMV981MFX Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981MFX TI1-LMV981MFX Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
National Semiconductor ...
LMV981MFXNOPB NSC-LMV981MFXNOPB Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
More results

Mô tả tương tự - LMV981MFX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com