công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMV358Q3MM/NOPB bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
LMV358Q3MM/NOPB bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 52 page LMV321-N, LMV321-N-Q1, LMV358-N LMV358-N-Q1, LMV324-N, LMV324-N-Q1 www.ti.com SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014 5 Description (Continued) The LMV321-N is available in the space saving 5-Pin SC70, which is approximately half the size of the 5-Pin SOT23. The small package saves space on PC boards and enables the design of small portable electronic devices. It also allows the designer to place the device closer to the signal source to reduce noise pickup and increase signal integrity. The chips are built with Texas Instruments's advanced submicron silicon-gate BiCMOS process. The LMV321- N/LMV358-N/LMV324-N have bipolar input and output stages for improved noise performance and higher output current drive. 6 Pin Configuration and Functions 5-Pin SC70, SOT-23 8-Pin SOIC, VSSOP 14-Pin SOIC, TSSOP DBV and DCK Package D and DGK Package D and PW Package Top View Top View Top View Pin Functions PIN TYPE DESCRIPTION LMV321-N LMV358-N D, LMV324-N D, NAME DVB, DCK DGK PW +IN 1 - - I Noninverting input IN A+ - 3 3 I Noninverting input, channel A IN B+ - 5 5 I Noninverting input, channel B IN C+ - - 10 I Noninverting input, channel C IN D+ - - 12 I Noninverting input, channel D -IN 3 - - I Inverting input IN A- - 2 2 I Inverting input, channel A IN B- - 6 6 I Inverting input, channel B IN C- - - 9 I Inverting input, channel C IN D- - - 13 I Inverting input, channel D OUTPUT 4 - - O Output OUT A - 1 1 O Output, channel A OUT B - 7 7 O Output, channel B OUT C - - 8 O Output , channel C OUT D - - 14 O Output, channel D V+ 5 8 4 P Positive (highest) power supply V- 2 4 11 P Negative (lowest) power supply Copyright © 2000–2014, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1 |
Số phần tương tự - LMV358Q3MM/NOPB |
|
Mô tả tương tự - LMV358Q3MM/NOPB |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |