công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSB-H81H bảng dữ liệu(PDF) 1 Page - AAEON Technology

tên linh kiện FSB-H81H
Giải thích chi tiết về linh kiện  dual-channel ddr3/l dimm socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AAEON [AAEON Technology]
Trang chủ  http://www.aaeon.com
Logo AAEON - AAEON Technology

FSB-H81H bảng dữ liệu(HTML) 1 Page - AAEON Technology

  FSB-H81H Datasheet HTML 1Page - AAEON Technology FSB-H81H Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13-1
www.aaeon.com
13
Features
Specifications
Intel® 4th Generation Core™ i7/i5/i3 LGA 1150 Processor
Intel® H81 Chipset
Dual-Channel DDR3/L DIMM Socket x 2, Up to 16 GB
Intel® H81 Integrated Intel® HD Graphics
10/100/1000Base-TX Ethernet x 2
SATA 6.0 Gb/s x 2, SATA 3.0 Gb/s x 2
COM x 6 (RS-232 x 4, RS-232/422/485 x 2)
USB3.0 x 2 (On Bracket), USB 2.0 x 8
PICMG 1.3
ATX 2.1 Power Requirement
Full-Size SBC with Intel® 4th Generation Core™ i7/i5/i3 LGA 1150 Processor
Packing List
System
Form Factor
PICMG 1.3 Full-Size SBC
Processor
Intel® 4th Generation Core™ i7/i5/i3 LGA 1150 Processor
System Memory
240-pin Dual-Channel DDR3/DDR3L 1333/1600 MHz DIMM socket x 2, up to
16 GB
Chipset
Intel® H81
Ethernet
Realtek 8111E x 2, 10/100/1000Base-TX, RJ-45 x 2 on bracket
BIOS
AMI Plug & Play SPI BIOS – 128 MB ROM
Wake On LAN
Yes
Watchdog Timer
1~255 steps by software programming
H/W Status Monitoring
System temperature, Voltage, and Cooling fan status monitoring
Expansion Interface
PICMG 1.3
Battery
Lithium battery
Power Requirement
ATX 2.1
Power Consumption
Board Size
13.3” x 5” (339mm x 126mm)
Gross Weight
1.2 lb (0.5 kg)
Operation Temperature
32 °F ~ 140 °F (0 °C ~ 60 °C)
Storage Temperature
-4 °F ~ 158 °F (-20 °C ~ 70 °C)
Operation Humidity
5% ~ 90% relative humidity, non-condensing
MTBF (Hours)
60,000
Display
Chipset
Intel® H81 Integrated Intel® HD Graphics
Resolution
Up to 2048 x 1536 @ 75 Hz for CRT
Output Interface
VGA x 1 or DVI x 1 on bracket
I/O
Fintek 81866F
Storage
SATA 6.0 Gb/s x 2, SATA 3.0 Gb/s x 2
Serial Port
COM port x 6,
COM 3~6: RS-232, with Box header optional,
COM 1~2: RS-232/422/485, with Box header
PS/2 Port
4x2 pin header x 1
USB
USB 3.0 x 2 (Type A on bracket), USB2.0 x 6 (Internal 5 x 2-pin header x 8)
Parallel Port
LPT Port x 1
Audio
HDAC Daughter board (Optional), Mic-in/Line-in/Line-out/CD-in
Digital I/O
8-bit programmable (4-in / 4-out)
FSB-H81H
COM Port & LPT Cable
COM Port Cable
SATA Cable x 4
ATX Cable
USB Cable
COM Port Cable x 2
Product DVD
FSB-H81H
Optional Accessories
1175920000D
LGA1155/1150 CPU Cooler, Aluminum (2U Height, 95Watt)
1759218000
LGA1155/1150 CPU Cooler, Copper (1U Height, 95Watt)
1709080207
KB/MS Cable
VGA
10/100/1000Base-
TX LAN x 2
Intel® LGA1150 Socket
SATA 3.0 Gb/s x 2
SATA 6.0 Gb/s x 1
USB3.0 x 4
USB3.0
x 2
DDR3/L DIMM x 2


Số phần tương tự - FSB-H81H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AAEON Technology
FSB-860B AAEON-FSB-860B Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
FSB-866G AAEON-FSB-866G Datasheet
638Kb / 2P
   Intel짰 Pentium짰 4/ Celeron짰 D CPU
FSB-868G AAEON-FSB-868G Datasheet
296Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
FSB-945G AAEON-FSB-945G Datasheet
270Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
More results

Mô tả tương tự - FSB-H81H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
0783210151 MOLEX11-0783210151 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical
0621009100 MOLEX-0621009100 Datasheet
26Kb / 1P
   Actuator Extraction Tool for DDR3 DIMM Socket
11/02/2021
logo
Tyco Electronics
2-2013290-1 MACOM-2-2013290-1 Datasheet
348Kb / 4P
   DDR3 DIMM Sockets
logo
Molex Electronics Ltd.
0785650001 MOLEX11-0785650001 Datasheet
34Kb / 2P
   1.00mm Pitch Aerodynamic DDR3 DIMM Socket, Low Profile, Vertical
0783210006 MOLEX11-0783210006 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole
0783210153 MOLEX11-0783210153 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole
logo
Tyco Electronics
1932000 MACOM-1932000 Datasheet
607Kb / 4P
   SOCKET ASSEMBLY, VERTICAL DDR3 DIMM, SOLDER TAIL, 240 POSITION
logo
List of Unclassifed Man...
SGU02G64B1BG2SA-BB[EIW]R ETC-SGU02G64B1BG2SA-BB[EIW]R Datasheet
467Kb / 14P
   2048MB DDR3 ??SDRAM DIMM
SGU08G64B1BB2SA-BB[EW]R ETC-SGU08G64B1BB2SA-BB[EW]R Datasheet
764Kb / 16P
   8192MB DDR3 ??SDRAM DIMM
logo
Molex Electronics Ltd.
62202-3810 MOLEX-62202-3810 Datasheet
275Kb / 5P
   DDR3 DIMM Extraction Tool
11-22-16
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com