công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM13700N bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM13700N
Giải thích chi tiết về linh kiện  Dual Operational Transconductance Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM13700N bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM13700N Datasheet HTML 5Page - Texas Instruments LM13700N Datasheet HTML 6Page - Texas Instruments LM13700N Datasheet HTML 7Page - Texas Instruments LM13700N Datasheet HTML 8Page - Texas Instruments LM13700N Datasheet HTML 9Page - Texas Instruments LM13700N Datasheet HTML 10Page - Texas Instruments LM13700N Datasheet HTML 11Page - Texas Instruments LM13700N Datasheet HTML 12Page - Texas Instruments LM13700N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LM13700
www.ti.com
SNOSBW2F – NOVEMBER 1999 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
The LM13700 is a two channel current controlled differential input transconductance amplifier with additional
output buffers. The inputs include linearizing diodes to reduce distortion, and the output current is controlled by a
dedicated pin. The outputs can sustain a continuous short to ground.
7.2 Functional Block Diagram
Figure 16. One Operational Transconductance Amplifier
7.3 Feature Description
7.3.1 Circuit Description
The differential transistor pair Q4 and Q5 form a transconductance stage in that the ratio of their collector currents
is defined by the differential input voltage according to the transfer function:
(1)
where VIN is the differential input voltage, kT/q is approximately 26 mV at 25°C and I5 and I4 are the collector
currents of transistors Q5 and Q4 respectively. With the exception of Q12 and Q13, all transistors and diodes are
identical in size. Transistors Q1 and Q2 with Diode D1 form a current mirror which forces the sum of currents I4
and I5 to equal IABC:
I4 + I5 = IABC
(2)
where IABC is the amplifier bias current applied to the gain pin.
For small differential input voltages the ratio of I4 and I5 approaches unity and the Taylor series of the In function
is approximated as:
(3)
(4)
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM13700


Số phần tương tự - LM13700N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM13700N NSC-LM13700N Datasheet
633Kb / 24P
   Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
Texas Instruments
LM13700N TI1-LM13700N Datasheet
1Mb / 32P
[Old version datasheet]   LM13700 Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
LM13700N/NOPB TI1-LM13700N/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM13700 Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
More results

Mô tả tương tự - LM13700N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
National Semiconductor ...
LM13600 NSC-LM13600 Datasheet
634Kb / 24P
   Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
National Semiconductor ...
LM13700 NSC-LM13700 Datasheet
633Kb / 24P
   Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
Texas Instruments
LM13700MX TI1-LM13700MX Datasheet
1Mb / 32P
[Old version datasheet]   LM13700 Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com