công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54ABT245E-QML bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện 54ABT245E-QML
Giải thích chi tiết về linh kiện  Octal Bidirectional Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT245E-QML bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  54ABT245E-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT245E-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT245E-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT245E-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT245E-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT245E-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT245E-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT245E-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT245E-QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
ABT245
Units
V
CC
Conditions
Min
Typ
Max
I
CCD
Dynamic I
CC
No Load
0.1
mA/
MHz
Max
Outputs Open
(Note 3)
OE = GND, T/R = GND or V
CC
One Bit Toggling, 50% Duty Cycle
(Note 4)
Note 3: Guaranteed but not tested.
Note 4: For 8 bits toggling, ICCD < 0.8 mA/MHz.
DC Electrical Characteristics
Conditions
Symbol
Parameter
Min
Max
Units
V
CC
C
L = 50 pF,
R
L = 500Ω
V
OLP
Quiet Output Maximum Dynamic V
OL
1.1
V
5.0
T
A = 25˚C (Note 5)
V
OLV
Quiet Output Minimum Dynamic V
OL
-0.45
V
5.0
T
A = 25˚C(Note 5)
Note 5: Max number of outputs defined as (n).n−1 data inputs are driven 0V to 3V. One output at LOW.
AC Electrical Characteristics
Symbol
Parameter
54ABT
Units
T
A = −55˚C to +125˚C
V
CC = 4.5V– 5.5V
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
1.0
4.8
ns
t
PHL
Data to Outputs
1.0
4.8
t
PZH
Output Enable
1.0
6.7
ns
t
PZL
Time
2.0
7.5
t
PHZ
Output Disable
1.7
7.4
ns
t
PLZ
Time
1.7
6.5
Capacitance
Symbol
Parameter
Typ
Units
Conditions
T
A = 25˚C
C
IN
Input Capacitance
5.0
pF
V
CC = 0V (OE , T/R)
C
I/O (Note 6)
I/O Capacitance
11.0
pF
V
CC = 5.0V (An,Bn)
Note 6: CI/O is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
www.national.com
4


Số phần tương tự - 54ABT245E-QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240 NSC-54ABT240 Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240E-QML NSC-54ABT240E-QML Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240E-QML NSC-54ABT240E-QML Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240E-QML NSC-54ABT240E-QML Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
More results

Mô tả tương tự - 54ABT245E-QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
54AC245 NSC-54AC245 Datasheet
153Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
[Old version datasheet]   54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54F545DM NSC-54F545DM Datasheet
166Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATEE Outputs
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
National Semiconductor ...
54F646 NSC-54F646 Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com