công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6551MMX bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LMH6551MMX
Giải thích chi tiết về linh kiện  Differential, High-Speed Op Amp
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6551MMX bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMH6551MMX Datasheet HTML 1Page - Texas Instruments LMH6551MMX Datasheet HTML 2Page - Texas Instruments LMH6551MMX Datasheet HTML 3Page - Texas Instruments LMH6551MMX Datasheet HTML 4Page - Texas Instruments LMH6551MMX Datasheet HTML 5Page - Texas Instruments LMH6551MMX Datasheet HTML 6Page - Texas Instruments LMH6551MMX Datasheet HTML 7Page - Texas Instruments LMH6551MMX Datasheet HTML 8Page - Texas Instruments LMH6551MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LMH6551
SNOSAK7D – FEBRUARY 2005 – REVISED JANUARY 2015
www.ti.com
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Operating Temperature Range
−40
+125
°C
Total Supply Voltage
3
12
V
7.4 Thermal Information
LMH6551
THERMAL METRIC(1)
D
DGK
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance (2)
150
235
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is P D= (TJ(MAX) — TA)/ θJA. All numbers apply for package soldered directly into a 2 layer PC board with zero air flow.
7.5 Electrical Characteristics: ±5 V
(1)
Single-ended in differential out, TA= 25°C, G = +1, VS = ±5 V, VCM = 0 V, RF = RG = 365 Ω, RL = 500 Ω; unless specified.
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
AC PERFORMANCE (DIFFERENTIAL)
SSBW
Small Signal
−3 dB Bandwidth
VOUT = 0.5 VPP
370
MHz
LSBW
Large Signal
−3 dB Bandwidth
VOUT = 2 VPP
340
MHz
Large Signal
−3 dB Bandwidth
VOUT = 4 VPP
320
MHz
0.1 dB Bandwidth
VOUT = 2 VPP
50
MHz
Slew Rate
4-V Step(4)
2400
V/
μs
Rise/Fall Time
2-V Step
1.8
ns
Settling Time
2-V Step, 0.05%
18
ns
VCM PIN AC PERFORMANCE (COMMON-MODE FEEDBACK AMPLIFIER)
Common-Mode Small Signal
VCMbypass capacitor removed
200
MHz
Bandwidth
DISTORTION AND NOISE RESPONSE
HD2
VO = 2 VPP, f = 5 MHz, RL=800 Ω
−94
dBc
HD2
VO = 2 VPP, f = 20MHz, RL=800 Ω
−85
dBc
HD3
VO = 2 VPP, f = 5 MHz, RL=800 Ω
−96
dBc
HD3
VO = 2 VPP, f = 20 MHz, RL=800 Ω
−72
dBc
en
Input Referred Voltage Noise
Freq
≥ 1 MHz
6.0
nV/
√Hz
in
Input Referred Noise Current
Freq
≥ 1 MHz
1.5
pA/
√Hz
INPUT CHARACTERISTICS (DIFFERENTIAL)
VOSD
Input Offset Voltage
Differential Mode, VID
0.5
±4
mV
= 0, VCM = 0
At extreme
±6
temperatures
Input Offset Voltage Average
−0.8
µV/°C
Temperature Drift(5)
IBI
Input Bias Current(6)
-4
0
µA
-10
Input Bias Current Average
−2.6
nA/°C
Temperature Drift(5)
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods.
(3)
Typical numbers are the most likely parametric norm.
(4)
Slew Rate is the average of the rising and falling edges.
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LMH6551


Số phần tương tự - LMH6551MMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6551MMX NSC-LMH6551MMX Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MMX TI1-LMH6551MMX Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MMX/NOPB TI1-LMH6551MMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MMXNOPB NSC-LMH6551MMXNOPB Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
More results

Mô tả tương tự - LMH6551MMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com