công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6550MM bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LMH6550MM
Giải thích chi tiết về linh kiện  Differential, High-Speed Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6550MM bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMH6550MM Datasheet HTML 1Page - Texas Instruments LMH6550MM Datasheet HTML 2Page - Texas Instruments LMH6550MM Datasheet HTML 3Page - Texas Instruments LMH6550MM Datasheet HTML 4Page - Texas Instruments LMH6550MM Datasheet HTML 5Page - Texas Instruments LMH6550MM Datasheet HTML 6Page - Texas Instruments LMH6550MM Datasheet HTML 7Page - Texas Instruments LMH6550MM Datasheet HTML 8Page - Texas Instruments LMH6550MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMH6550
www.ti.com
SNOSAK0I – DECEMBER 2004 – REVISED JANUARY 2015
Electrical Characteristics: ±5 V
(1) (continued)
Single-ended in differential out, TA = 25°C, VS = ±5 V, VCM = 0 V, RF = RG = 365 Ω, RL = 500 Ω; unless specified.
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
Input Bias Current Average
(5)
9.6
nA/°C
Temperature Drift
Input Bias Difference
Difference in Bias Currents Between the
0.3
µA
Two Inputs
CMRR
Common-Mode Rejection Ratio
DC, VCM = 0 V, VID = 0 V
72
82
dBc
RIN
Input Resistance
Differential
5
M
CIN
Input Capacitance
Differential
1
pF
CMVR
Input Common-Mode Voltage Range
CMRR > 53 dB
+3.1
+3.2
V
−4.6
−4.7
VCM PIN INPUT CHARACTERISTICS (COMMON-MODE FEEDBACK AMPLIFIER)
VOSC
Input Offset Voltage
Common Mode, VID = 0
1
±5
mV
At extreme
±8
temperatures
Input Offset Voltage Average
(5)
25
µV/°C
Temperature Drift
Input Bias Current
(6)
−2
μA
VCM CMRR
VID = 0 V, 1-V Step on VCM Pin, Measure
70
75
dB
VOD
Input Resistance
25
k
Common-Mode Gain
ΔVO,CM/ΔVCM
0.995
0.997
1.005
V/V
OUTPUT PERFORMANCE
Output Voltage Swing
Peak to Peak,
7.38
7.8
V
Differential
At extreme
7.18
temperatures
Output Common-Mode Voltage
VID = 0 V,
±3.69
±3.8
V
Range
IOUT
Linear Output Current
VOUT = 0 V
±63
±75
mA
ISC
Short Circuit Current
Output Shorted to Ground
±200
mA
VIN = 3 V Single-Ended
(7)
Output Balance Error
ΔVOUT Common Mode /ΔVOUT
−68
dB
Differential, VOUT = 1 VPP Differential, f =
10 MHz
MISCELLANEOUS PERFORMANCE
Enable Voltage Threshold
Pin 7
2.0
V
Disable Voltage Threshold
Pin 7
1.5
V
Enable Pin Current
VEN =0 V
(6)
-250
µA
VEN =4 V
(6)
55
Enable/Disable Time
10
ns
AVOL
Open Loop Gain
Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±1 V
74
90
dB
Supply Current
RL = ∞
18
20
24
mA
At extreme
27
temperatures
Disabled Supply Current
1
1.2
mA
(7)
The maximum output current (IOUT) is determined by device power dissipation limitations.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6550


Số phần tương tự - LMH6550MM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550MM NSC-LMH6550MM Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6550MMNOPB NSC-LMH6550MMNOPB Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6550MMX NSC-LMH6550MMX Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6550MMXNOPB NSC-LMH6550MMXNOPB Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results

Mô tả tương tự - LMH6550MM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM6165 NSC-LM6165 Datasheet
460Kb / 12P
   High Speed Operational Amplifier
LM715 NSC-LM715 Datasheet
208Kb / 8P
   High Speed Operational Amplifier
logo
Linear Technology
LT118A LINER-LT118A Datasheet
499Kb / 8P
   High Speed Operational Amplifier
LM318S8 LINER-LM318S8 Datasheet
100Kb / 2P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LM6162 NSC-LM6162 Datasheet
219Kb / 12P
   High Speed Operational Amplifier
September 1995
logo
Linear Technology
LM118J8 LINER-LM118J8 Datasheet
507Kb / 8P
   High Speed Operational Amplifier
logo
National Semiconductor ...
LH4161A NSC-LH4161A Datasheet
198Kb / 6P
   High Speed Operational Amplifier
logo
Anaren Microwave
MSK0024 ANAREN-MSK0024 Datasheet
221Kb / 5P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
AD505 AD-AD505_15 Datasheet
1Mb / 6P
   HIGH SPEED OPERATIONAL AMPLIFIER
logo
Linear Technology
LM318S8 LINER-LM318S8_15 Datasheet
112Kb / 2P
   HIGH SPEED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com