công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12T3 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện SS12T3
Giải thích chi tiết về linh kiện  Power MOSFET 170 mAmps, 100 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BSS123LT1G, BVSS123LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0, ID = 250 mAdc)
V(BR)DSS
100
Vdc
Zero Gate Voltage Drain Current
(VGS = 0, VDS = 100 Vdc)
TJ = 25°C
TJ = 125°C
IDSS
15
60
mAdc
Gate−Body Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
50
nAdc
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
(VDS = VGS, ID = 1.0 mAdc)
VGS(th)
1.6
2.6
Vdc
Static Drain−Source On−Resistance
(VGS = 10 Vdc, ID = 100 mAdc)
rDS(on)
6.0
W
Forward Transconductance
(VDS = 25 Vdc, ID = 100 mAdc)
gfs
80
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
20
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Coss
9.0
pF
Reverse Transfer Capacitance
(VDS = 25 Vdc, VGS = 0, f = 1.0 MHz)
Crss
4.0
pF
SWITCHING CHARACTERISTICS(4)
Turn−On Delay Time
(VCC = 30 Vdc, IC = 0.28 Adc,
VGS = 10 Vdc, RGS = 50 W)
td(on)
20
ns
Turn−Off Delay Time
td(off)
40
ns
REVERSE DIODE
Diode Forward On−Voltage
(ID = 0.34 Adc, VGS = 0 Vdc)
VSD
1.3
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
BSS123LT1G
SOT−23
(Pb−Free)
3000 / Tape & Reel
BSS123LT3G
SOT−23
(Pb−Free)
10000 / Tape & Reel
BVSS123LT1G*
SOT−23
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*BVSS Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.


Số phần tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Mô tả tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
BSS123LT1 ONSEMI-BSS123LT1 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
MMBF0201NLT1 ONSEMI-MMBF0201NLT1 Datasheet
86Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 2
MGSF1P02LT1 ONSEMI-MGSF1P02LT1 Datasheet
82Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
logo
Shanghai Leiditech Elec...
LMSS84W LEIDITECH-LMSS84W Datasheet
484Kb / 4P
   POWER MOSFET 130 mAmps, 50 Volts
logo
First Silicon Co., Ltd
FTK138-AB FS-FTK138-AB Datasheet
585Kb / 4P
   POWER MOSFET 200 mAmps, 50 Volts
2022. 04. 28 Revision No : 0
logo
ON Semiconductor
MMBF0202PLT1 ONSEMI-MMBF0202PLT1 Datasheet
88Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 1
logo
Leshan Radio Company
LMGSF1N02LT1 LRC-LMGSF1N02LT1 Datasheet
131Kb / 4P
   Power MOSFET 750 mAmps, 20 Volts
LBSS84DW1T1G LRC-LBSS84DW1T1G Datasheet
569Kb / 5P
   Power MOSFET 130 mAmps, 50 Volts
LBSS84LT1G LRC-LBSS84LT1G Datasheet
313Kb / 6P
   Power MOSFET F30 mAmps, 50 Volts
logo
WILLAS ELECTRONIC CORP
BSS138LT1 WILLAS-BSS138LT1 Datasheet
334Kb / 5P
   Power MOSFET 200 mAmps, 50 Volts
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com