công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12T3 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện SS12T3
Giải thích chi tiết về linh kiện  Power MOSFET 170 mAmps, 100 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
November, 2013 − Rev. 9
1
Publication Order Number:
BSS123LT1/D
BSS123LT1G,
BVSS123LT1G
Power MOSFET
170 mAmps, 100 Volts
N−Channel SOT−23
Features
BVSS Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain−Source Voltage
VDSS
100
Vdc
Gate−Source Voltage
− Continuous
− Non−repetitive (tp ≤ 50 ms)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current
− Continuous (Note 1)
− Pulsed (Note 2)
ID
IDM
0.17
0.68
Adc
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board
(Note 3) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Junction and Storage Temperature
TJ, Tstg −55 to +150
°C
1. The Power Dissipation of the package may result in a lower continuous drain
current.
2. Pulse Width v 300 ms, Duty Cycle v 2.0%.
3. FR−5 = 1.0  0.75  0.062 in.
3
1
2
N−Channel
SOT−23
CASE 318
STYLE 21
MARKING DIAGRAM
& PIN ASSIGNMENT
SA MG
G
SA
= Device Code
M
= Date Code
G
= Pb−Free Package
3
2
1
Drain
Gate
2
1
3
Source
170 mAMPS
100 VOLTS
RDS(on) = 6 W
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
(*Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.


Số phần tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Mô tả tương tự - SS12T3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
BSS123LT1 ONSEMI-BSS123LT1 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
MMBF0201NLT1 ONSEMI-MMBF0201NLT1 Datasheet
86Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 2
MGSF1P02LT1 ONSEMI-MGSF1P02LT1 Datasheet
82Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
logo
Shanghai Leiditech Elec...
LMSS84W LEIDITECH-LMSS84W Datasheet
484Kb / 4P
   POWER MOSFET 130 mAmps, 50 Volts
logo
First Silicon Co., Ltd
FTK138-AB FS-FTK138-AB Datasheet
585Kb / 4P
   POWER MOSFET 200 mAmps, 50 Volts
2022. 04. 28 Revision No : 0
logo
ON Semiconductor
MMBF0202PLT1 ONSEMI-MMBF0202PLT1 Datasheet
88Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts
November, 2000 ??Rev. 1
logo
Leshan Radio Company
LMGSF1N02LT1 LRC-LMGSF1N02LT1 Datasheet
131Kb / 4P
   Power MOSFET 750 mAmps, 20 Volts
LBSS84DW1T1G LRC-LBSS84DW1T1G Datasheet
569Kb / 5P
   Power MOSFET 130 mAmps, 50 Volts
LBSS84LT1G LRC-LBSS84LT1G Datasheet
313Kb / 6P
   Power MOSFET F30 mAmps, 50 Volts
logo
WILLAS ELECTRONIC CORP
BSS138LT1 WILLAS-BSS138LT1 Datasheet
334Kb / 5P
   Power MOSFET 200 mAmps, 50 Volts
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com