công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11867RV-MPB-H bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện LB11867RV-MPB-H
Giải thích chi tiết về linh kiện  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867RV-MPB-H bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  LB11867RV-MPB-H Datasheet HTML 1Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 2Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 3Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 4Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 5Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 6Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 7Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 8Page - ON Semiconductor LB11867RV-MPB-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LB11867RV
www.onsemi.com
3
Electrical Characteristics
at Ta
 25C, VCC = 12V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC1
During drive
5.5
7.5
9.5
mA
ICC2
During lock protection
5.5
7.5
9.5
mA
5VREG voltage
5VREG
I5VREG = 5mA
4.80
4.95
5.10
V
Current limiting voltage
VLIM
185
200
215
mV
CPWM pin “H” level voltage
VCPWMH
2.8
3.0
3.2
V
CPWM pin “L” level voltage
VCPWML
0.9
1.1
1.3
V
CPWM pin charge current
ICPWM1
VCPWM = 0.5V
24
30
36
A
CPWM pin discharge current
ICPWM2
VCPWM = 3.5V
21
27
33
A
CPWM Oscillation frequency
FPWM
C = 220PF
30
kHz
CT pin “H” level voltage
VCTH
2.8
3.0
3.2
V
CT pin “L” level voltage
VCTL
0.9
1.1
1.3
V
CT pin charge current
ICT1
VCT = 0.5V
1.6
2.0
2.5
μA
CT pin discharge current
ICT2
VCT = 3.5V
0.16
0.20
0.25
μA
CT pin charge/discharge ratio
RCT
ICT1/ICT2
8
10
12
times
S-S pin discharge current
IS-S
VS-S = 1V
0.4
0.5
0.6
A
OUTN output H-level voltage
VONH
IO = 10mA
VCC-0.85
VCC-1.00
V
OUTN output L-level voltage
VONL
IO = 10mA
0.9
1.00
V
OUTP output L-level voltage
VOPL
IO = 10mA
0.5
0.65
V
Hall input sensitivity
VHN
IN+, IN- differential voltage
(including offset and hysteresis)
10
20
mV
RD output L-level voltage
VRDL
IRD = 5mA
0.15
0.30
V
RD pin leakage current
IRDL
VRD = 19V
20
A
VTH/RMI pin bias current
IVTH/IRMI
CPWM = VTH/RMI = 2V
0.1
A
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Số phần tương tự - LB11867RV-MPB-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11867RV-MPB-H ONSEMI-LB11867RV-MPB-H Datasheet
273Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

Mô tả tương tự - LB11867RV-MPB-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
196Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com