công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11867FV bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện LB11867FV
Giải thích chi tiết về linh kiện  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867FV bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button LB11867FV Datasheet HTML 3Page - ON Semiconductor LB11867FV Datasheet HTML 4Page - ON Semiconductor LB11867FV Datasheet HTML 5Page - ON Semiconductor LB11867FV Datasheet HTML 6Page - ON Semiconductor LB11867FV Datasheet HTML 7Page - ON Semiconductor LB11867FV Datasheet HTML 8Page - ON Semiconductor LB11867FV Datasheet HTML 9Page - ON Semiconductor LB11867FV Datasheet HTML 10Page - ON Semiconductor LB11867FV Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LB11867FV
www.onsemi.com
10
Control timing chart
(Soft start)
(1)At VTH < RMI voltage
(2) At VTH > RMI voltage
Adjust the S-S pin voltage gradient by means of the capacitance of the capacitor between the S-S pin and 5VREG..
Recommended capacitor: 0.1
 to 1F
0V
3.0V
1.1V
CPWM
0%
100%
ONDUTY
T
RMI voltage
VTH voltage
S-S voltage
Lock protection
Soft start section
VTH set speed
0V
3.0V
1.1V
CPWM
0%
100%
ONDUTY
T
VTH voltage
RMI voltage
S-S voltage
Lock protection
Soft
start
section
RMI set speed


Số phần tương tự - LB11867FV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11867FV SANYO-LB11867FV Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11867FV ONSEMI-LB11867FV Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867FV-MPB-E ONSEMI-LB11867FV-MPB-E Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
LB11867FV-MPB-H ONSEMI-LB11867FV-MPB-H Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

Mô tả tương tự - LB11867FV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com