công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GST280A12-C6P bảng dữ liệu(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện GST280A12-C6P
Giải thích chi tiết về linh kiện  280W AC-DC High Reliability Industrial Adaptor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST280A12-C6P bảng dữ liệu(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GST280A12-C6P Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST280A12-C6P Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST280A12-C6P Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GST280A12-C6P Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
280W AC-DC High Reliability Industrial Adaptor
GST280A series
■ Features
■ Applications
■ Model Encoding
-
A12
GST
C6P
280
Series name
Output wattage
IEC320-C14 AC inlet
Output voltage
DC connector type
{C6P:Connectorforstandardmodel,MOLEX6pinconnector
GST280A is a highly reliable, 280W desktop style single-output green adaptor series. This product is a
class power unit (with FG), equipped with a standard IEC320-C14 AC inlet and adopting the input range
from 85 VAC to 264VAC. The entire series supplies different models with output voltages ranging between
12VDC and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 94% and the extremely low no-load power consumption below 0.5W, GST280A is
of Conduct (CoC) Version 5. The supreme feature allows the adaptor to save the energy when it is either
under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant plastic
case. GST280A is certified for the international safety regulations.
■ Description
File Name:GST280A-SPEC 2015-09-07
Universal AC input / Full range
3 pole AC inlet IEC320-C14
Built-in active PFC function
No load power consumption<0.5W
Energy efficiency Level VI
Comply with EISA 2007/DoE,NRCan,
AU/NZ MEPS,EU ErP
Class power (with earth pin)
Protections: Short circuit / Overload / Over voltage /
Over temperature
Fanless design with -30~+70 working temperature
Fully enclosed plastic case
LED indicator for power on
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS and EU ErP ,and Code
Optional connector type available by customer requested


Số phần tương tự - GST280A12-C6P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST220A12-R7B MEANWELL-GST220A12-R7B Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST220A15-R7B MEANWELL-GST220A15-R7B Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST220A20-R7B MEANWELL-GST220A20-R7B Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST220A24-R7B MEANWELL-GST220A24-R7B Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
More results

Mô tả tương tự - GST280A12-C6P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST60A MEANWELL-GST60A Datasheet
394Kb / 3P
   60W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com