công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GST25E07-P1J bảng dữ liệu(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện GST25E07-P1J
Giải thích chi tiết về linh kiện  25W AC-DC High Reliability Industrial Adaptor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST25E07-P1J bảng dữ liệu(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GST25E07-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST25E07-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST25E07-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GST25E07-P1J Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
25W AC-DC High Reliability Industrial Adaptor
G S T 2 5 E series
File Name:GST25E-SPEC 2015-10-29
GST25E05-P1J GST25E07-P1J GST25E09-P1J GST25E12-P1J GST25E15-P1J GST25E18-P1J GST25E24-P1J GST25E28-P1J GST25E48-P1J
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GST25E05
7.5V
GST25E07
9V
GST25E09
12V
GST25E12
15V
GST25E15
18V
GST25E18
24V
GST25E24
28V
GST25E28
48V
GST25E48
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
47 ~ 63Hz
0.25mA / 240VAC
TUV EN60950-1 approved
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH
500Khrs min. MIL-HDBK-217F(25℃)
20% ~ 90% RH non-condensing
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
79*54*33mm (L*W*H)
CONNECTOR
PLUG
CABLE
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
OVERLOAD
OVER VOLTAGE
110 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Clamp by zener diode
4.0A
2.93A
2.55A
2.08A
1.66A
1.38A
1.04A
0.89A
0.52A
0 ~ 4.0A
0 ~ 2.93A
0 ~ 2.55A
0 ~ 2.08A
0 ~ 1.66A
0 ~ 1.38A
0 ~ 1.04A
0 ~ 0.89A
0 ~ 0.52A
20W
22W
23W
25W
25W
25W
25W
25W
25W
EMC IMMUNITY
EMC EMISSION
See page 3,4 ; Other type available by customer requested
See page 3,4 ; Other type available by customer requested
80mVp-p
85 ~ 264VAC
81.5%
84.5%
85%
86.5%
87%
87%
88%
88%
89%
110 ~ 140% rated output voltage
1000ms, 30ms, 50ms/230VAC
1500ms, 30ms, 15ms/115VAC at full load
0.6A / 115VAC
0.35A / 230VAC
35A / 115VAC
65A / 230VAC
202.5g; 60pcs/13.2Kg/1.22CUFT
℃









Compliance to EN55022 class B, EN61000-3-2,3
-30 ~ +70℃ (Refer to "Derating Curve")
-40 ~ +85℃, 10 ~ 95% RH
±0.03% / ℃ (0 ~ 50℃)
VOLTAGE RANGE
Note.7


Số phần tương tự - GST25E07-P1J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Willow Technologies Ltd
GST25 WILLOW-GST25 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST25 RIEDON-GST25 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
logo
Willow Technologies Ltd
GST2512 WILLOW-GST2512 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST2512 RIEDON-GST2512 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST2512 RIEDON-GST2512 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
More results

Mô tả tương tự - GST25E07-P1J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST25B MEANWELL-GST25B Datasheet
772Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
   25W AC-DC High Reliability Medical Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GP25A MEANWELL-GP25A Datasheet
98Kb / 3P
   25W AC-DC Triple Output Industrial Adaptor
SGA25U MEANWELL-SGA25U Datasheet
74Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com