công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GST18E18-P1J bảng dữ liệu(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

tên linh kiện GST18E18-P1J
Giải thích chi tiết về linh kiện  18W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEANWELL [Mean Well Enterprises Co., Ltd.]
Trang chủ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST18E18-P1J bảng dữ liệu(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GST18E18-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST18E18-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST18E18-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
18W AC-DC High Reliability Industrial Adaptor
GST18E series
■ Features
■ Applications
■ Model Encoding
-
E05
GST
P1J
18
Series name
Output wattage
European 2 pin AC plug
Output voltage
■ Description
File Name:GST18E-SPEC 2015-06-24
Universal AC input / Full range
2 pole EURO plug
No load power consumption< 0.075W
Energy efficiency Level VI
Comply with EU ErP and CoC Version 5
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Pass LPS
High operating temperature up to +70℃
LED indicator for power on
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
GST18E is a highly reliable, 18W wall-mounted style single-output green adaptor series. This product is
a class
power unit (without FG), equipped with a 2-Pin standard European AC power plug, adopting the
input range from 85VAC to 264VAC. The entire series supplies different models with output voltages ranging
between 5VDC and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 89% and the extremely low no-load power consumption below 0.075W, GST18E is
compliant with EU ErP, and Code of Conduct(CoC) Version 5 . The supreme feature allows the adaptor to
save the energy when it is either under the operating mode or the standby mode. The entire series utilizes
the 94V-0 flame retardant plastic case, providing the double insulation that effectively prevents electrical
shock.GST18E is certified for the international safety regulations.
{P1J:Plugforstandardmodel,2.1 5.5 11mm,c+,tuningforktype
ψψ
××
DC plug type
Optional plug type available by customer requested


Số phần tương tự - GST18E18-P1J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A05-P1J MEANWELL-GST18A05-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A07-P1J MEANWELL-GST18A07-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A09-P1J MEANWELL-GST18A09-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A12-P1J MEANWELL-GST18A12-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
More results

Mô tả tương tự - GST18E18-P1J

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mean Well Enterprises C...
GST18B MEANWELL-GST18B Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
   18W AC-DC High Reliability Interchangeable Medical Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com