công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GST18E07-P1J bảng dữ liệu(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
GST18E07-P1J bảng dữ liệu(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 3 page SPECIFICATION 18W AC-DC High Reliability Industrial Adaptor GST18E series File Name:GST18E-SPEC 2015-06-24 ORDER NO. SAFETY MODEL NO. DC VOLTAGE Note.2 RATED CURRENT CURRENT RANGE RATED POWER (max.) RIPPLE & NOISE (max.) Note.3 OUTPUT SETUP, RISE, HOLD UP TIME FREQUENCY RANGE EFFICIENCY (Typ.) AC CURRENT INPUT ENVIRONMENT INRUSH CURRENT (max.) LEAKAGE CURRENT(max.) SAFETY STANDARDS SAFETY & EMC (Note. 8) WORKING TEMP. WORKING HUMIDITY STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING PROTECTION 5V 7.5V 9V 12V 15V 18V 24V 28V 48V GST18E05 GST18E07 GST18E09 GST18E12 GST18E15 GST18E18 GST18E24 GST18E28 GST18E48 3.0A 2.0A 2.0A 1.50A 1.20A 1.0A 0.75A 0.64A 0.375A 0 ~ 3.0A 0 ~ 2.0A 0 ~2.0A 0 ~ 1.50A 0 ~ 1.20A 0 ~ 1.0A 0 ~ 0.75A 80mVp-p 80mVp-p 80mVp-p 100mVp-p 150mVp-p 180mVp-p 240mVp-p 240mVp-p VOLTAGE TOLERANCE Note.4 LINE REGULATION Note.5 LOAD REGULATION Note.6 ±5.0% ±5.0% ±5.0% ±3.0% ±3.0% ±3.0% ±2.0% ±2.0% ±2.0% ±1.0% ±1.0% ±1.0% ±1.0% ±1.0% ±1.0% ±1.0% ±1.0% ±1.0% ±5.0% ±5.0% ±5.0% ±3.0% ±3.0% ±3.0% ±2.0% ±2.0% ±2.0% 47 ~ 63Hz 0.25mA / 240VAC TUV EN60950-1 approved WITHSTAND VOLTAGE ISOLATION RESISTANCE I/P-O/P:4242VDC I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH ℃ 500Khrs min. MIL-HDBK-217F(25 ) ℃ 20% ~ 90% RH non-condensing 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes 79*54*33mm (L*W*H) 202.5g; 60pcs/13.2Kg/1.22CUFT CONNECTOR PLUG CABLE 15W 15W 18W 18W 18W 18W 18W 18W 0 ~ 0.64A 18W 0 ~ 0.375A 1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient. ℃ 2.DC voltage: The output voltage set at point measure by plug terminal & 50% load. 3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 4.Tolerance: includes set up tolerance, line regulation, load regulation. 5.Line regulation is measured from low line to high line at rated load. 6.Load regulation is measured from 10% to 100% rated load. 7.Derating may be needed under low input voltage. Please check the derating curve for more details. 8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the EMC directives. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies. (as available on http://www.meanwell.com) Compliance to EN55022 class B, EN61000-3-2,3 Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A OVERLOAD OVER VOLTAGE 110 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed Protection type : Clamp by zener diode, output short GST18E05-P1J GST18E09-P1J GST18E15-P1J GST18E24-P1J GST18E48-P1J GST18E07-P1J GST18E12-P1J GST18E18-P1J GST18E28-P1J EMC IMMUNITY EMC EMISSION 80mVp-p 85 ~ 264VAC 0.5A / 115VAC 0.3A / 230VAC 35A / 115VAC 65A / 230VAC 110 ~ 140% rated output voltage 1000ms, 30ms, 50ms/230VAC 1500ms, 30ms, 15ms/115VAC at full load -30 ~ +70 (Refer to "Derating Curve") ℃ -40 ~ +85 , 10 ~ 95% RH ℃ ±℃ ℃ 0.03% / (0 ~ 50 ) VOLTAGE RANGE Note.7 See page 3 ; Other type available by customer requested See page 3 ; Other type available by customer requested 81% 85% 85% 86% 87% 88% 88% 88.5% 89% |
Số phần tương tự - GST18E07-P1J |
|
Mô tả tương tự - GST18E07-P1J |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |