công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11922 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện LB11922
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11922 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  LB11922 Datasheet HTML 1Page - ON Semiconductor LB11922 Datasheet HTML 2Page - ON Semiconductor LB11922 Datasheet HTML 3Page - ON Semiconductor LB11922 Datasheet HTML 4Page - ON Semiconductor LB11922 Datasheet HTML 5Page - ON Semiconductor LB11922 Datasheet HTML 6Page - ON Semiconductor LB11922 Datasheet HTML 7Page - ON Semiconductor LB11922 Datasheet HTML 8Page - ON Semiconductor LB11922 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LB11922
No.7497-4/15
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
S/S Pin
Input high-level voltage
VIH (S/S)
VCC = 6.3V, 5V
2.0
VCC
V
Input low-level voltage
VIL (S/S)
VCC = 6.3V, 5V
0
1.0
V
Input open voltage
VIO (S/S)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN (S/S)
VCC = 6.3V, 5V
0.13
0.22
0.31
V
Input high-level current
IIH (S/S)
VS/S = VCC
-10
0
+10
μA
Input low-level current
IIL (S/S)
VS/S = 0V
-170
-118
μA
Pull-up resistance
RU (S/S)
37
53.5
70
k
Ω
F/R Pin
Input high-level voltage
VIH (F/R)
VCC = 6.3V, 5V
2.0
VCC
V
Input low-level voltage
VIL (F/R)
VCC = 6.3V, 5V
0
1.0
V
Input open voltage
VIO (F/R)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN (F/R)
VCC = 6.3V, 5V
0.13
0.22
0.31
V
Input high-level current
IIH (F/R)
VF/R = VCC
-10
0
+10
μA
Input low-level current
IIL (F/R)
VF/R = 0V
-170
-118
μA
Pull-up resistance
RU (F/R)
37
53.5
70
k
Ω
BR Pin
Input high-level voltage
VIH (BR)
VCC = 6.3V, 5V
2.0
VCC
V
Input low-level voltage
VIL (BR)
VCC = 6.3V, 5V
0
1.0
V
Input open voltage
VIO (BR)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN (BR)
VCC = 6.3V, 5V
0.13
0.22
0.31
V
Input high-level current
IIH (BR)
VBR = VCC
-10
0
+10
μA
Input low-level current
IIL (BR)
VBR = 0V
-170
-118
μA
Pull-up resistance
RU (BR)
37
53.5
70
k
Ω
N Pin
Input high-level voltage
VIH (N)
VCC = 6.3V, 5V
2.0
VCC
V
Input low-level voltage
VIL (N)
VCC = 6.3V, 5V
0
1.0
V
Input open voltage
VIO (N)
VCC-0.5
VCC
V
Hysteresis width
ΔVIN (N)
VCC = 6.3V, 5V, Design target value *
0.13
0.22
0.31
V
Input high-level current
IIH (N)
VN = VCC
-10
0
+10
μA
Input low-level current
IIL (N)
VN = 0V
-170
-118
μA
Pull-up resistance
RU (N)
37
53.5
70
k
Ω
Note : * These items are design target values and are not tested.
Package Dimensions
unit : mm (typ)
3247A
SANYO : SSOP36(275mil)
1
36
18
19
0.8
15.0
0.2
0.3
(0.7)
Pd max -- Ta
Ambient temperature, Ta – °C
0
1.36
0.76
0.35
1.2
0.8
0.4
0.62
1.6
– 20
80
60
20
40
0
100
Specified board : 114.3
×76.1×1.6mm3
glass epoxy
Independent IC


Số phần tương tự - LB11922

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11922 SANYO-LB11922 Datasheet
551Kb / 19P
   MONOLITHIC DIGITAL TRANSISTOR
LB11922 SANYO-LB11922 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
More results

Mô tả tương tự - LB11922

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com