công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11922 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LB11922
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11922 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LB11922 Datasheet HTML 1Page - ON Semiconductor LB11922 Datasheet HTML 2Page - ON Semiconductor LB11922 Datasheet HTML 3Page - ON Semiconductor LB11922 Datasheet HTML 4Page - ON Semiconductor LB11922 Datasheet HTML 5Page - ON Semiconductor LB11922 Datasheet HTML 6Page - ON Semiconductor LB11922 Datasheet HTML 7Page - ON Semiconductor LB11922 Datasheet HTML 8Page - ON Semiconductor LB11922 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LB11922
No.7497-2/15
Allowable Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
4.4 to 7.0
V
Input current range
IREG
VREG pin (7V)
0.2 to 1.5
mA
FG Schmitt output applied voltage
VFGS
0 to 7
V
FG Schmitt output current
IFGS
0 to 5
mA
Lock detection applied voltage
VLD
0 to 7
V
Lock detection output current
ILD
0 to 20
mA
Electrical Characteristics at Ta
= 25°C, VCC = 6.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC1
22
30.5
mA
ICC2
In stop mode
2.4
3.4
mA
ICC3
VCC = 5V
21
28
mA
Supply current
ICC4
VCC = 5V, In stop mode
2.1
2.9
mA
Output saturation voltage 1-1
VO sat1-1
At low level : IO = 400μA
0.1
0.3
V
Output saturation voltage 1-2
VO sat1-2
At low level : IO = 10mA
0.8
1.2
V
Output saturation voltage 2
VO sat2
At high level : IO = -20mA
VCC-1.2
VCC-0.9
V
Hall Amplifier
Input bias current
IHB (HA)
-2
-0.1
μA
Common-mode input voltage range 1
VICM1
When Hall-effect sensors are used
0.5
VCC-2.0
V
Common-mode input voltage range 2
VICM2
When one-side biased inputs are used
(Hall-effect IC applications)
0
VCC
V
Hall input sensitivity
Sine wave
100
mVp-p
Hysteresis width
ΔVIN (HA)
20
30
50
mV
Input voltage low
→ high
VSLH
9
17
29
mV
Input voltage high
→ low
VSHL
-25
-13
-5
mV
PWM oscillator
Output high-level voltage 1
VOH (PWM)1
3.5
3.8
4.1
V
Output high-level voltage 2
VOH (PWM)2
VCC = 5V
2.75
3.0
3.25
V
Output low-level voltage 1
VOL (PWM)1
1.8
2.1
2.4
V
Output low-level voltage 2
VOL (PWM)2
VCC = 5V
1.45
1.65
1.9
V
Oscillator frequency
f (PWM)
C = 560pF
22
kHz
Amplitude 1
V (PWM)1
1.4
1.7
2.0
Vp-p
Amplitude 2
V (PWM)2
VCC = 5V
1.1
1.35
1.6
Vp-p
CSD circuit
Output high-level voltage 1
VOH (CSD)1
3.95
4.4
4.85
V
Output high-level voltage 2
VOH (CSD)2
VCC = 5V
3.15
3.5
3.85
V
Output low-level voltage 1
VOL (CSD)1
1.1
1.4
1.7
V
Output low-level voltage 2
VOL (CSD)2
VCC = 5V
0.9
1.1
1.3
V
External capacitor charge current
ICHG1
-13
-9
-6
μA
External capacitor discharge current
ICHG2
8
12
16
μA
Oscillator frequency
f (RK)
C = 0.068
μF
22
kHz
Amplitude 1
V (RK)1
2.65
3.0
3.35
Vp-p
Amplitude 2
V (RK)2
VCC = 5V
2.1
2.4
2.65
Vp-p
Crystal Oscillator
Operating frequency range
fOSC
3
10
MHz
Low-level pin voltage
VOSCL
IOSC = -0.3mA
1.65
V
High-level pin current
IOSCH
VOSC = VOSCL + 0.3V
0.35
mA
Current Limiter Operation
Limiter
VRF
0.235
0.260
0.285
V
Continued on next page.


Số phần tương tự - LB11922

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11922 SANYO-LB11922 Datasheet
551Kb / 19P
   MONOLITHIC DIGITAL TRANSISTOR
LB11922 SANYO-LB11922 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
More results

Mô tả tương tự - LB11922

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com