công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11872H bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện LB11872H
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11872H bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button LB11872H Datasheet HTML 3Page - ON Semiconductor LB11872H Datasheet HTML 4Page - ON Semiconductor LB11872H Datasheet HTML 5Page - ON Semiconductor LB11872H Datasheet HTML 6Page - ON Semiconductor LB11872H Datasheet HTML 7Page - ON Semiconductor LB11872H Datasheet HTML 8Page - ON Semiconductor LB11872H Datasheet HTML 9Page - ON Semiconductor LB11872H Datasheet HTML 10Page - ON Semiconductor LB11872H Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LB11872H
No.7257-10/11
6. Rotor Constraint Protection Circuit
This IC provides a rotor constraint protection circuit to protect the IC itself and the motor when the motor is constrained
physically, i.e. prevented from turning. If the FG signal (edges of one type (rising or falling edges) on the IN1 signal)
does not switch within a fixed time, output drive will be turned off. The time constant is determined by the capacitor
connected to the CSD pin.
< time constant (in seconds) > ≈ 30.5 × 1.57 × CCSD (μF)
If a 0.02
μF capacitor is used, the protection time will be about 1.05 seconds.
To clear the rotor constraint protection state, the IC must be set to the stopped state or the power must be turned off and
reapplied. If there is noise present on the FG signal during the constraint time, the rotor constraint protection circuit
may not operate normally.
7. Phase Lock Signal
(1) Phase lock range
Since this IC does not include a counter or similar functionality in the speed control system, the speed error range in
the phase locked state cannot be determined solely by IC characteristics. (This is because the acceleration of the
changes in the FG frequency influences the range.) When it is necessary to stipulate this characteristic for the motor,
the designer must determine this by measuring the actual motor state. Since speed errors occur easily in states
where the FG acceleration is large, it is thought that the speed errors will be the largest during lock pull-in at startup
and when unlocked due to switching clock frequencies.
(2) Masking function for the phase lock state signal
A stable lock signal can be provided by masking the short-term low-level signals due to hunting during lock pull-in.
However, this results in the lock state signal output being delayed by the masking time.
The masking time is determined by the capacitor inserted between the CSD pin and ground.
< masking time (seconds) > ≈ 6.5 × 1.57 × CCSD (μF)
When a 0.022
μF capacitor is used, the masking time will be about 225ms. In cases where complete masking is required,
a masking time with fully adequate margin must be used.
8. Initial Reset
To initially reset the logic circuits in start mode, the IC goes to the reset state when the CSD pin voltage goes to zero
until it reaches 0.63V. Drive output starts after the reset state is cleared. The reset time can be calculated to a good
approximation using the following formula.
< reset time (seconds) > ≈ 0.13 × CCSD (μF)
A reset time of over 100
μs is required.
9. Current Limiter Circuit
The current limit value is determined by the resistor Rf inserted between the RF pin and ground.
ILIM = VL/Rf VL = 0.59V (typical) (during acceleration) and 0.37V (typical) (during deceleration)
10. Power Supply Stabilization
An adequately large capacitor must be inserted between the VCC pin and ground for power supply stabilization. If
diodes are inserted in the power supply lines to prevent destruction of the device if the power supply is connected with
reverse polarity, the power supply line levels will be even more easily disrupted, and even larger capacitors must be
used.
If high-frequency noise is a problem, a ceramic capacitor of about 0.1
μF must also be inserted in parallel.
11. VREG Stabilization
A capacitor of at least 0.1
μF must be used to stabilize the VREG voltage, which is the control circuit power supply.
The capacitor must be connected as close as possible to the pins.
12. Error Amplifier External Component Values
To prevent adverse influence from noise, the error amplifier external components must be located as close to the IC as
possible.


Số phần tương tự - LB11872H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Mô tả tương tự - LB11872H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com