công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMSF7N03Z bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MMSF7N03Z
Giải thích chi tiết về linh kiện  N?묬hannel SO?? Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF7N03Z bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MMSF7N03Z Datasheet HTML 3Page - ON Semiconductor MMSF7N03Z Datasheet HTML 4Page - ON Semiconductor MMSF7N03Z Datasheet HTML 5Page - ON Semiconductor MMSF7N03Z Datasheet HTML 6Page - ON Semiconductor MMSF7N03Z Datasheet HTML 7Page - ON Semiconductor MMSF7N03Z Datasheet HTML 8Page - ON Semiconductor MMSF7N03Z Datasheet HTML 9Page - ON Semiconductor MMSF7N03Z Datasheet HTML 10Page - ON Semiconductor MMSF7N03Z Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MMSF7N03Z
http://onsemi.com
11
PACKAGE DIMENSIONS
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN
EXCESS OF THE D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
____
SO−8
CASE 751−07
ISSUE V
STYLE 12:
PIN 1.
SOURCE
2.
SOURCE
3.
SOURCE
4.
GATE
5.
DRAIN
6.
DRAIN
7.
DRAIN
8.
DRAIN
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MMSF7N03Z/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
EZFET is a trademark of Semiconductor Components Industries, LLC (SCILLC).
Thermal Clad is a registered trademark of the Bergquist Company.


Số phần tương tự - MMSF7N03Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
More results

Mô tả tương tự - MMSF7N03Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MMDF3N06HD ONSEMI-MMDF3N06HD Datasheet
276Kb / 12P
   N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF2P01HD ONSEMI-MMDF2P01HD Datasheet
260Kb / 12P
   P?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4873NF ONSEMI-NTMS4873NF Datasheet
120Kb / 6P
   Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
   Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4801N ONSEMI-NTMS4801N Datasheet
140Kb / 5P
   Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2
NTMS4872N ONSEMI-NTMS4872N Datasheet
118Kb / 5P
   Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2
NTMS4939N ONSEMI-NTMS4939N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4920N ONSEMI-NTMS4920N Datasheet
137Kb / 5P
   Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1
NTMS4107N ONSEMI-NTMS4107N Datasheet
61Kb / 6P
   Power MOSFET 30 V, 18 A, Single N?묬hannel, SO??
March, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com