công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK433-040N-E bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
STK433-040N-E bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 11 page 41713HK/80112HKPC 018-11-0086 No.A2101-1/11 http://onsemi.com Semiconductor Components Industries, LLC, 2013 April, 2013 STK433-040N-E Overview The STK433-040N-E is a hybrid IC designed to be used in 40W 2ch class AB audio power amplifiers. Application Audio Power amplifiers Features Pin-to-pin compatible outputs ranging from 40W to 150W. Miniature package. Output load impedance: RL = 6 recommended. Allowable load shorted time: 0.3 second Allows the use of predesigned applications for standby and mute circuit. Series model STK433-040N-E STK433-060N-E STK433-130N-E Output1 (10%/1kHz) 40W 2ch 50W 2ch 150W 2ch Output2 (0.4%/20Hz to 20kHz) 25W 2ch 35W 2ch 100W 2ch Max. rating VCC (quiescent) 38V 46V 71.5V Max. rating VCC (6) 36V 40V 63V Recommended operating VCC (6) 24V 27V 44V Dimensions (excluding pin height) 47.0mm 25.6mm9.0mm 67.0mm 25.6mm9.0mm STK433-330N-E STK433-840N-E STK433-890N-E Output1 (10%/1kHz) 150W 3ch 40W 4ch 80W 4ch Output2 (0.4%/20Hz to 20kHz) 100W 3ch 25W 4ch 50W 4ch Max. rating VCC (quiescent) 71.5V 38V 54V Max. rating VCC (6) 63V 36V 47V Recommended operating VCC (6) 44V 25V 34V Dimensions (excluding pin height) 64.0mm 36.6mm9.0mm 64.0mm 31.1mm9.0mm 78.0mm 44.1mm9.0mm Specifications Absolute Maximum Ratings at Ta = 25 C, Tc = 25C unless otherwise specified Parameter Symbol Conditions Ratings Unit Maximum power supply voltage VCC max (0) Non- signal 38 V VCC max (1) Signal, RL 6 36 V VCC max (2) Signal, RL 4 30 V Minimum operation supply voltage VCC min 10 V #13 Operating voltage *5 VST OFF max #13 voltage -0.3 to +5.5 V Thermal resistance j-c Per one power transistor 4.2 C/W Junction temperature Tj max Should satisfy Tj max and Tc max 150 C Operating substrate temperature Tc max 125 C Storage temperature Tstg -30 to +125 C Allowable time for load short-circuit *4 ts VCC = 24V, RL = 6, f = 50Hz PO = 25W, 1ch drive 0.3 s Ordering number : ENA2101A Ordering number : ENA2101A Thick-Film Hybrid IC 2ch class-AB Audio Power IC 40W+40W Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. ORDERING INFORMATION See detailed ordering and shipping information on page 11 of this data sheet. |
Số phần tương tự - STK433-040N-E |
|
Mô tả tương tự - STK433-040N-E |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |