công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA5744 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện LA5744
Giải thích chi tiết về linh kiện  Separately-Excited Step-Down Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5744 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  LA5744 Datasheet HTML 1Page - ON Semiconductor LA5744 Datasheet HTML 2Page - ON Semiconductor LA5744 Datasheet HTML 3Page - ON Semiconductor LA5744 Datasheet HTML 4Page - ON Semiconductor LA5744 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LA5744
No.A0717-4/5
Protection Circuit Functional Descriptions
1. Overcurrent protection function
The overcurrent protection function detects, on a cycle-by-cycle basis, the output transistor current and turns off that
output transistor current if it exceeds 3.1A.
2. Short circuit protection function
This IC prevents the current from increasing when the outputs are shorted by setting the switching frequency to 30kHz
if the VOS pin voltage falls below 0.8V.
Note 3 : If the soft start function is not used, the IC will start up with the overcurrent protection function operating. At this
time, the switching frequency will be cut in half. This means that the switching frequency will be 15kHz at
startup.
Note 4 : Since the switching frequency becomes 30kHz when the VOS pin voltage falls under 0.8V, the current capacity is
reduced. If a load is applied with the VOS pin voltage over 0.8V, the inductance value operates at 22μH. If a load
is to be applied when this voltage is under 0.8V, the inductance value must be increased.
Description of Functional Settings
1. Calculation equation to set the output voltage
This IC controls the switching output so that the VOS pin voltage becomes 1.23V (typ).
The equation to set the output voltage is as follows :
The VOS pin has the inrush current of 1μA (typ). Therefore, the error becomes larger when R1 and R2 resistance
values are large.
2. Startup Delay Function
The output voltage rises when the internal voltage reaches 0.4V (typical). Until that point, a capacitor is charged from
an internal 10
μA (typical) constant-current supply. The startup delay time can be calculated as shown below
Example : Assume a 1
μF capacitor is used.
VO = 1+
× 1.23V(typ)
R2
R1
Td =
=
= 40 ms
C
× V
i
1
μF × 0.4
10
μA
Limit current
Inductor current
SWOUT voltage


Số phần tương tự - LA5744

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
logo
ON Semiconductor
LA5744TP ONSEMI-LA5744TP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
More results

Mô tả tương tự - LA5744

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5756 ONSEMI-LA5756 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5757TP ONSEMI-LA5757TP Datasheet
71Kb / 6P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN8D51A SANYO-TN8D51A Datasheet
177Kb / 11P
   Separately-Excited Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com