công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC75174BDW bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC75174BDW
Giải thích chi tiết về linh kiện  Quad EIA??85 Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174BDW bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC75174BDW Datasheet HTML 6Page - ON Semiconductor MC75174BDW Datasheet HTML 7Page - ON Semiconductor MC75174BDW Datasheet HTML 8Page - ON Semiconductor MC75174BDW Datasheet HTML 9Page - ON Semiconductor MC75174BDW Datasheet HTML 10Page - ON Semiconductor MC75174BDW Datasheet HTML 11Page - ON Semiconductor MC75174BDW Datasheet HTML 12Page - ON Semiconductor MC75174BDW Datasheet HTML 13Page - ON Semiconductor MC75174BDW Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC75172B MC75174B
http://onsemi.com
11
Termination Resistors
Transmission line theory states that, in order to preserve
the shape and integrity of a waveform traveling along a
cable, the cable must be terminated in an impedance equal
to its characteristic impedance. In a system such as that
depicted in Figure 18, in which data can travel in both
directions, both physical ends of the cable must be
terminated. Stubs, leading to each receiver and driver,
should be as short as possible.
Leaving off the terminations will generally result in
reflections which can have amplitudes of several volts
above VCC or below ground. These overshoots and
undershoots can disrupt the driver and/or receiver
operation, create false data, and in some cases damage
components on the bus.
Figure 18. Typical EIA−485 System
NOTES: 1. Terminating resistors RT must be located at the physical ends of the cable.
2. Stubs should be as short as possible.
3. Circuit ground of all drivers and receivers must be connected via a dedicated wire within the cable.
Do not rely on chassis ground or power line ground.
#8
TTL
R
TTL
TTL
#3
TTL
R
En
#2
TTL
TTL
En
TTL
R
TTL
#1
R
TTL
RT
#1
En
D
#3
D
#5
D
TTL
En
#6
R
TTL
R
En
#5
R
#6
D
#7
RT
TTL
TTL
R
En
TTL
#4
D
5 “off” drivers (@ 0.06 U.L. each),
+8 receivers (@ 1.0 U.L. each) = 8.3 Unit Loads
RT = 120 Ω at each end of the cable.
#4
D
#2
120
Ω
Twisted
Pair


Số phần tương tự - MC75174BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC75174BDW ONSEMI-MC75174BDW Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC75174BDW ONSEMI-MC75174BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75174BDW MOTOROLA-MC75174BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75174BDWG ONSEMI-MC75174BDWG Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDWR2 ONSEMI-MC75174BDWR2 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
More results

Mô tả tương tự - MC75174BDW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com