công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74172B bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74172B
Giải thích chi tiết về linh kiện  Quad EIA??85 Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74172B bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74172B Datasheet HTML 1Page - ON Semiconductor MC74172B Datasheet HTML 2Page - ON Semiconductor MC74172B Datasheet HTML 3Page - ON Semiconductor MC74172B Datasheet HTML 4Page - ON Semiconductor MC74172B Datasheet HTML 5Page - ON Semiconductor MC74172B Datasheet HTML 6Page - ON Semiconductor MC74172B Datasheet HTML 7Page - ON Semiconductor MC74172B Datasheet HTML 8Page - ON Semiconductor MC74172B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC75172B MC75174B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40°C p TA p 85°C, 4.75 V p VCC p 5.25 V, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
Single−Ended Voltage
IO = 0
High @ IO = −33 mA
Low @ IO = +33 mA
Differential Voltage
Open Circuit (IO = 0)
RL = 54 Ω (Figure 1)
VO
VOH
VOL
⎥VOD1
⎥VOD2
0
1.5
1.5
4.0
1.6
3.4
2.3
6.0
6.0
5.0
Vdc
Change in Differential*, RL = 54 Ω (Figure 1)
Differential Voltage, RL = 100 Ω (Figure 1)
Change in Differential*, RL = 100 Ω (Figure 1)
Differential Voltage, −7.0 V p Vcm p 12 V (Figure 2)
Change in Differential*, −7.0 V p Vcm p 12 V (Figure 2)
Offset Voltage, RL = 54 Ω (Figure 1)
Change in Offset*, RL = 54 Ω (Figure 1)
⎥ΔVOD2
⎥VOD2A
⎥ΔVOD2A
⎥VOD3
⎥ΔVOD3
VOS
⎥ΔVOS
1.5
5.0
2.2
5.0
5.0
2.9
5.0
200
200
5.0
200
200
mVdc
Vdc
mVdc
Vdc
mVdc
Vdc
mVdc
Output Current (Each Output)
Power Off Leakage, VCC = 0, −7.0 V p VO p 12 V
Leakage in 3−State Mode, −7.0 V p VO p 12 V
IO(off)
IOZ
−50
−50
0
0
+50
+50
μA
Short Circuit Current to Ground
Short Circuit Current, −7.0 V p VO p 12 V
IOSR
IOS
−150
−250
+150
+250
mA
*Vin switched from 0.8 to 2.0 V.
Typical values determined at 25°C ambient and 5.0 V supply.


Số phần tương tự - MC74172B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC7410HX400NE NXP-MC7410HX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410HX450NE NXP-MC7410HX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX400NE NXP-MC7410RX400NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX450NE NXP-MC7410RX450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MC7410RX500NE NXP-MC7410RX500NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
More results

Mô tả tương tự - MC74172B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com