công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LF351N bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện LF351N
Giải thích chi tiết về linh kiện  Operational Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF351N bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  LF351N Datasheet HTML 1Page - ON Semiconductor LF351N Datasheet HTML 2Page - ON Semiconductor LF351N Datasheet HTML 3Page - ON Semiconductor LF351N Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JFET Input
Operational Amplifiers
These low cost JFET input operational amplifiers combine two
state–of–the–art analog technologies on a single monolithic integrated
circuit. Each internally compensated operational amplifier has well matched
high voltage JFET input devices for low input offset voltage. The JFET
technology provides wide bandwidths and fast slew rates with low input bias
currents, input offset currents, and supply currents.
These devices are available in single, dual and quad operational
amplifiers which are pin–compatible with the industry standard MC1741,
MC1458, and the MC3403/LM324 bipolar devices.
Input Offset Voltage of 5.0 mV Max (LF347B)
Low Input Bias Current: 50 pA
Low Input Noise Voltage: 16 nV/ Hz
Wide Gain Bandwidth: 4.0 MHz
High Slew Rate: 13V/µs
Low Supply Current: 1.8 mA per Amplifier
High Input Impedance: 1012
High Common Mode and Supply Voltage Rejection Ratios: 100 dB
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
+18
V
VEE
–18
Differential Input Voltage
VID
±30
V
Input Voltage Range (Note 1)
VIDR
±15
V
Output Short Circuit Duration (Note 2)
tSC
Continuous
Power Dissipation at TA = +25°C
PD
900
mW
Derate above TA =+25°C
1/θJA
10
mW/
°C
Operating Ambient Temperature Range
TA
0 to +70
°C
Operating Junction Temperature Range
TJ
115
°C
Storage Temperature Range
Tstg
– 65 to
+150
°C
NOTES: 1. Unless otherwise specified, the absolute maximum negative input voltage is
limited to the negative power supply.
2. Any amplifier output can be shorted to ground indefinitely. However, if more than
one amplifier output is shorted simultaneously, maximum junction temperature
rating may be exceeded.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2002
March, 2002 – Rev. 1
1
Publication Order Number:
LF347/D
LF347, B
LF351
LF353
FAMILY OF JFET
OPERATIONAL AMPLIFIERS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
1
1
8
8
Output A
Inputs A
VEE
VCC
Output B
Inputs B
LF351
(Top View)
LF353
(Top View)
Offset Null
Invt Input
Noninvt Input
VEE
NC
VCC
Output
Offset Null
1
2
3
4
8
7
6
5
+
-
-
-
+
+
A
B
1
2
3
4
8
7
6
5
PIN CONNECTIONS
N SUFFIX
PLASTIC PACKAGE
CASE 646
14
1
(Top View)
Out 1
Inputs 1
VCC
Inputs 2
Out 2
Out 4
Inputs 4
VEE
Inputs 3
Out 3
1
2
3
4
5
6
78
9
10
11
12
13
14
4
23
++
++
1
--
--
PIN CONNECTIONS
ORDERING INFORMATION
Function
Device
Package
Operating
Temperature Range
LF351D
LF351N
Single
Single
TA = 0° to +70°C
SO–8
Plastic DIP
LF353D
LF353N
Dual
Dual
SO–8
Plastic DIP
LF347BN
LF347N
Quad
Quad
Plastic DIP
Plastic DIP


Số phần tương tự - LF351N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
LF351N MOTOROLA-LF351N Datasheet
101Kb / 4P
   FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
LF351N FAIRCHILD-LF351N Datasheet
40Kb / 8P
   Single Operational Amplifier (JFET)
logo
STMicroelectronics
LF351N STMICROELECTRONICS-LF351N Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
Texas Instruments
LF351N TI1-LF351N Datasheet
449Kb / 14P
[Old version datasheet]   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LF351N TGS-LF351N Datasheet
189Kb / 5P
   Single Operational Amplifier (JFET)
More results

Mô tả tương tự - LF351N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com