công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

StarterKit-002-77M2 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện StarterKit-002-77M2
Giải thích chi tiết về linh kiện  Intel짰 3rd Gen. Core??COM Express Basic Type 6 CPU Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

StarterKit-002-77M2 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  StarterKit-002-77M2 Datasheet HTML 1Page - List of Unclassifed Manufacturers StarterKit-002-77M2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30
All specifications are subject to change without notice.
EmETXe-i77M2
Intel® 3rd Gen. Core™ COM Express Basic Type 6 CPU Module
System
CPU
Intel® Core™ i7-3517UE 1.7GHz processor
Intel® Core™ i7-3612QE 2.1GHz processor
Intel® Core™ i7-3555LE 2.5GHz processor
Memory
2 x DDR3 SO-DIMM sockets, supporting SDRAM up to
16GB
Chipset
Intel® PCH QM77
BIOS
AMI UEFI BIOS
Watchdog Timer
1~255 levels reset
I/O
USB Port
12 x USB ports:
- 8 x USB 2.0 ports
- 4 x USB 3.0 ports
Digital I/O
8-bit programmable Digital Input/Output
Expansion Bus
1 x PCIe x16 Gen3 lanes
7 x PCIe x1 Gen2 lanes
SPI and LPC (Low Pin Count) interfaces
Storage
4 x Serial ATA ports:
- 2 ports with 600MB/s HDD transfer rate
- 2 ports with 300MB/s HDD transfer rate
SATA RAID 0, 1, 5, 10 supported
Ethernet Chipset 1 x Intel® 82579LM PCIe GbE PHY
Audio
HD Audio Link
Display
Graphics Chipset
Integrated Intel® HD Graphics 4000
GraphicsInterface
Analog RGB supports resolution up to 2560 x 1600
LCD: Dual Channels 24-bit LVDS, resolution up to 1920 x
1200 @60Hz
3 DDI ports
Mechanical & Environmental
Power Requirement
+12V, 5VSB
Power Consumption
2.11A@12V with Intel® Core™ 7-3517UE proces-
sor (Typical)
Operating Temp.
-20 ~ 70°C (-4 ~ 158°F)
Operating Humidity
10 ~ 95% @ 70ºC (non-condensing)
Dimension (L x W)
125 x 95 mm (4.9" x 3.7")
Dimensions
4,00
4,00
30,00
71,58
41,00
76,00
125,00
55,68
86,01
45,35
Ø2.6*Ø6.5
Sandy
Bridge
Processor
PCH
QM67
Unit: mm
Soldered Onboard 3rd Gen. Intel® Core™ i7-3517UE/ i7-3612QE/
i7-3555LE Processor
Integrated Gigabit Ethernet
Dual Channels 24-bit LVDS, Analog RGB, and 3 x DDI Ports
Support 3 Independent Displays
RAID 0, 1, 5, 10 Supported
Support Intel® Active Management Technology (Intel AMT)
Extended Operating Temp.: -20 ~ 70°C
Features


Số phần tương tự - StarterKit-002-77M2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
STARTERWARE-ARMMPU TI1-STARTERWARE-ARMMPU Datasheet
5Mb / 21P
[Old version datasheet]   TI embedded processors based on ARM technology
More results

Mô tả tương tự - StarterKit-002-77M2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
COM-880E-3517UE ETC2-COM-880E-3517UE Datasheet
460Kb / 2P
   Wide-Range Temperature Intel짰 3rd Gen. Core??COM Express Basic Type 6 CPU Module
EMETXE-I67M2 ETC2-EMETXE-I67M2 Datasheet
419Kb / 2P
   Intel짰 2nd Gen. Core COM Express Basic Type 6 CPU Module
logo
DFI Inc
CR960-QM77 DFI-CR960-QM77 Datasheet
945Kb / 2P
   3rd Gen Intel Core COM Express Basic
logo
Advantech Co., Ltd.
SOM-5892FG-U1A1E ADVANTECH-SOM-5892FG-U1A1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892 ADVANTECH-SOM-5892_15 Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-9890 ADVANTECH-SOM-9890_15 Datasheet
622Kb / 2P
   3rd Gen. Intel짰 Core??Socket COM Express짰 Basic Module
logo
DFI Inc
HM960-QM87 DFI-HM960-QM87 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core COM Express Basic
CR960-HM76 DFI-CR960-HM76 Datasheet
935Kb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR900-B DFI-CR900-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
CR908-B DFI-CR908-B Datasheet
1Mb / 2P
   3rd/2nd Gen Intel Core COM Express Basic
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com