công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH6320-TL-W bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MCH6320-TL-W
Giải thích chi tiết về linh kiện  Single P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6320-TL-W bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MCH6320-TL-W Datasheet HTML 1Page - ON Semiconductor MCH6320-TL-W Datasheet HTML 2Page - ON Semiconductor MCH6320-TL-W Datasheet HTML 3Page - ON Semiconductor MCH6320-TL-W Datasheet HTML 4Page - ON Semiconductor MCH6320-TL-W Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Publication Order Number :
MCH6320/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
March 2015 - Rev. 3
ORDERING INFORMATION
See detailed ordering and shipping information on page 5 of this data sheet.
MCH6320
Features
• 1.8V Drive
• High Speed Switching
• Pb-Free and RoHS Compliance
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Value
Unit
Drain to Source Voltage
VDSS
−12
V
Gate to Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
−3.5
A
Drain Current (Pulse)
PW
≤10μs, duty cycle≤1%
IDP
−14
A
Power Dissipation
When mounted on ceramic substrate
(1200mm
2 × 0.8mm)
PD
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
This product is designed to “ESD immunity < 200V*”, so please take care when handling.
* Machine Model
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Ambient
RθJA
83.3
°C/W
When mounted on ceramic substrate
(1200mm
2 × 0.8mm)
Power MOSFET
–12V, 70mΩ, –3.5A, Single P-Channel
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Electrical Connection
P-Channel
Packing Type : TL
Marking
VDSS
RDS(on) Max
ID Max
−12V
70mΩ@
−4.5V
−3.5A
115mΩ@
−2.5V
215mΩ@
−1.8V
3
4
1, 2, 5, 6
1:Drain
2:Drain
3:Gate
4:Source
5:Drain
6:Drain
TL
JU


Số phần tương tự - MCH6320-TL-W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH6320 SANYO-MCH6320 Datasheet
56Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6320 SANYO-MCH6320 Datasheet
476Kb / 7P
   General-Purpose Switching Device Applications
logo
VBsemi Electronics Co.,...
MCH6320 VBSEMI-MCH6320 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Sanyo Semicon Device
MCH6320 SANYO-MCH6320_12 Datasheet
476Kb / 7P
   General-Purpose Switching Device Applications
More results

Mô tả tương tự - MCH6320-TL-W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1_16 Datasheet
110Kb / 4P
   Power MOSFET Single P-Channel
October, 2016 ??Rev. 9
CPH3351 ONSEMI-CPH3351 Datasheet
403Kb / 5P
   Single P-Channel Power MOSFET
March 2015 - Rev. 2
CPH6337 ONSEMI-CPH6337 Datasheet
484Kb / 5P
   Single P-Channel Power MOSFET
September 2015 - Rev. 2
MCH3374 ONSEMI-MCH3374 Datasheet
486Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
MCH3376 ONSEMI-MCH3376 Datasheet
735Kb / 5P
   Single P-Channel Power MOSFET
July, 2014
MCH5839 ONSEMI-MCH5839 Datasheet
675Kb / 6P
   Single P-Channel Power MOSFET
August 2015 - Rev. 1
SFT1341 ONSEMI-SFT1341 Datasheet
353Kb / 6P
   Single P-Channel Power MOSFET
September, 2014
logo
Unisonic Technologies
UT2955 UTC-UT2955_15 Datasheet
234Kb / 4P
   SINGLE P-CHANNEL POWER MOSFET
logo
ON Semiconductor
CPH3348 ONSEMI-CPH3348 Datasheet
487Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
CPH3360 ONSEMI-CPH3360 Datasheet
547Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
SCH1345 ONSEMI-SCH1345 Datasheet
546Kb / 5P
   Single P-Channel Power MOSFET
November 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com