công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW4604-TL-2W bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện FW4604-TL-2W
Giải thích chi tiết về linh kiện  Complementary Dual Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW4604-TL-2W bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  FW4604-TL-2W Datasheet HTML 1Page - ON Semiconductor FW4604-TL-2W Datasheet HTML 2Page - ON Semiconductor FW4604-TL-2W Datasheet HTML 3Page - ON Semiconductor FW4604-TL-2W Datasheet HTML 4Page - ON Semiconductor FW4604-TL-2W Datasheet HTML 5Page - ON Semiconductor FW4604-TL-2W Datasheet HTML 6Page - ON Semiconductor FW4604-TL-2W Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
80713 TKIM/61312 TKIM/12512PA TKIM TC-00002681 No. A0273-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
FW4604
Power MOSFET
30V, 6A, 39mΩ, –30V, –4.5A, 65mΩ, Complementary Dual SOIC8
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
On-state resistance
Nch : RDS(on)1=30mΩ(typ.)
Pch : RDS(on)1=50mΩ(typ.)
4.5V drive
Halogen free compliance
Nch + Pch MOSFET
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
N-channel
P-channel
Unit
Drain to Source Voltage
VDSS
30
--30
V
Gate to Source Voltage
VGSS
±20
±20
V
Drain Current (DC)
ID
6
--4.5
A
Drain Current (PW≤10s)
IDP
Duty cycle≤1%
6.5
--5
A
Drain Current (PW≤10μs)
IDP
Duty cycle≤1%
24
--18
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (2000mm2×0.8mm) 1unit, PW≤10s
1.8
W
Total Dissipation
PT
When mounted on ceramic substrate (2000mm2×0.8mm), PW≤10s
2.2
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7072-001
Ordering number : ENA0273B
Product & Package Information
• Package
: SOIC8
• JEITA, JEDEC
: SC-87, SOT-96
• Minimum Packing Quantity : 2,500 pcs./reel
Packing Type : TL
Marking
Electrical Connection
4.9
0.22
14
5
8
0.445
1.27
0.254 (GAGE PLANE)
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
SOIC8
TL
W4604
LOT No.
8765
1234
FW4604-TL-2W


Số phần tương tự - FW4604-TL-2W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FutureWafer Tech Co.,Lt...
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
   Ultra Low Capacitance ESD array
logo
Texas Instruments
FW427IPMR-ACTA TI1-FW427IPMR-ACTA Datasheet
1Mb / 61P
[Old version datasheet]   Mixed-Signal Microcontroller
logo
Taoglas antenna solutio...
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
   ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
   Multiservice Provisioning Platform
logo
Taoglas antenna solutio...
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
More results

Mô tả tương tự - FW4604-TL-2W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FW389 ONSEMI-FW389 Datasheet
738Kb / 8P
   Complementary Dual Power MOSFET
February, 2014
MCH6660 ONSEMI-MCH6660 Datasheet
769Kb / 8P
   Complementary Dual Power MOSFET
December 2014 - Rev. 2
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
   Complementary Dual Power MOSFET
July, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
   Power MOSFET Complementary Dual
July, 2013
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
   Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
   Complementary Dual CPH6 Power MOSFET
June, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
   30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
   30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
logo
List of Unclassifed Man...
TPD2125 ETC1-TPD2125 Datasheet
41Kb / 1P
   DUAL COMPLEMENTARY MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com