công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431SKA3 bảng dữ liệu(PDF) 1 Page - Cystech Electonics Corp.

tên linh kiện TL431SKA3
Giải thích chi tiết về linh kiện  Adjustable Precision Shunt Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431SKA3 bảng dữ liệu(HTML) 1 Page - Cystech Electonics Corp.

  TL431SKA3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 5Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 6Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 7Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 8Page - Cystech Electonics Corp. TL431SKA3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C111A3
Issued Date : 2015.09.18
Revised Date :
Page No. : 1/ 9
TL431SKA3
CYStek Product Specification
Adjustable Precision Shunt Regulators
TL431SKA3
Description
The TL431SKA3 series are three-terminal adjustable regulators with guaranteed
thermal stability over applicable temperature range. The output voltage may be set to
any value between VREF (approximately 2.495 volts) and 36 volts with two external resistors. These devices have a
typical dynamic output impedance of 0.1
Ω. Active output circuitry provides a very sharp turn-on characteristic,
making these devices excellent replacement for zener diodes in many applications.
TO-92
Features
• Programmable output voltage
• Temperature coefficient is 50ppm/°C typical
• Improved temperature compensation
• Sink current capability of 0.1mA to 100mA
• Low output noise voltage
• Fast turn on response
• Heat Resistance, Soldering iron : 300°C, 5 seconds
• Low dynamic output impedance 0.1Ω (typ.)
• Electrostatic discharge voltage 2.5kV.
• Pb-free lead plating and halogen-free package
Classification
Rank
A
B
C
VREF
2.495
±0.5%
2.495
±1%
2.495
±2%
Ordering Information
Device
Package
Shipping
TL431SKA3-X-TB-G
TO-92
(Pb-free lead plating and halogen-free package)
2000 pcs / Tape & Box
TL431SKA3-X-BK-G
TO-92
(Pb-free lead plating and halogen-free package)
1000 pcs/ bag, 10 bags/box,
10boxes/carton
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, TB :2000 pcs/tape & box; BK: 1000 pcs / bag, 10 bags/box, 10 boxes/carton
Product rank, zero for no rank products
Product name


Số phần tương tự - TL431SKA3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
TL431SKN3 CYSTEKEC-TL431SKN3 Datasheet
451Kb / 9P
   Adjustable Precision Shunt Regulators
More results

Mô tả tương tự - TL431SKA3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com