công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM6611ABH bảng dữ liệu(PDF) 3 Page - Nippon Precision Circuits Inc |
|
SM6611ABH bảng dữ liệu(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 4 page SM6611 series NIPPON PRECISION CIRCUITS—3 SPECIFICATIONS Absolute Maximum Ratings VSS = 0V Recommended Operating Conditions VSS = 0V DC Characteristics VDD = 2.4 to 12V, VSS = 0V, Ta = −20 to 100°C unless otherwise noted Parameter Symbol Rating Unit Supply voltage range VDD −0.3 to 15 V Power dissipation PD 2.5 mW Storage temperature range TSTG −40 to 125 °C Parameter Symbol Rating Unit Supply voltage range VDD 2.4 to 12 V Operating temperature range TOPR −20 to 100 °C Parameter Symbol Condition Rating Unit min typ max Supply voltage VDD 2.4 – 12 V Current consumption IDD – 30 100 µA LOW-level output voltage VOL ISINK = 1mA, VDD > 2.4V – – 0.3 V ISINK = 3mA, VDD > 4V – – 0.4 V HIGH-level output voltage VOH CMOS output (SM6611 ×BH), ISOURCE = 0.5mA, VDD > 2.4V VDD − 1.0 – – V Open-drain output maximum voltage VOMAX Open-drain output (SM6611 ×AH) – – 12 V Open-drain output leakage current ILEAK VDD = 2.4V, VOUT = 12V, (SM6611×AH) −1 – +1 µA Output switch temperature accuracy ∆TTH 45 to 95 °C −3– +3 °C Hysteresis temperature THYST –10– °C |
Số phần tương tự - SM6611ABH |
|
Mô tả tương tự - SM6611ABH |