công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK672-432A-E bảng dữ liệu(PDF) 10 Page - ON Semiconductor |
|
STK672-432A-E bảng dữ liệu(HTML) 10 Page - ON Semiconductor |
10 / 21 page STK672-432A-E No.A1586-10/21 Usage Notes 1. I/O Pins and Functions of the Control Block [Pin description] HIC pin Pin Name Function 7 MOI Output pin for the excitation monitor 19 Vref Current value setting 10 MODE1 11 MODE2 17 MODE3 Excitation mode selection 12 CLOCK External CLOCK (motor rotation instruction) 13 CWB Sets the direction of rotation of the motor axis 14 RESETB System reset 15 ENABLE Motor current OFF 16 FAULT1 8 FAULT2 Overcurrent/over-heat detection output Description of each pin [CLOCK (Phase switching clock)] Input frequency: DC-20kHz (when using both edges) or DC-50kHz (when using one edge) Minimum pulse width: 20 μs (when using both edges) or 10μs (when using one edge) Pulse width duty: 40% to 50% Both edge, single edge operation M3:1 The excitation phase moves one step at a time at the rising edge of the CLOCK pulse. M3:0 The excitation phase moves alternately one step at a time at the rising and falling edges of the CLOCK pulse. [CWB (Motor direction setting)] When CWB=0: The motor rotates in the clockwise direction. When CWB=1: The motor rotates in the counterclockwise direction. Do not allow CWB input to vary during the 7 μs interval before and after the rising and falling edges of CLOCK input. [ENABLE (Forcible OFF control of excitation drive output A, AB, B, and BB, and selecting operation/hold status inside the HIC)] ENABLE=1: Normal operation When ENABLE=0: Motor current goes OFF, and excitation drive output is forcibly turned OFF. The system clock inside the HIC stops at this time, with no effect on the HIC even if input pins other than RESET input vary. In addition, since current does not flow to the motor, the motor shaft becomes free. If the CLOCK signal used for motor rotation suddenly stops, the motor shaft may advance beyond the control position due to inertia. A SLOW DOWN setting where the CLOCK cycle gradually decreases is required in order to stop at the control position. [MODE1, MODE2, and MODE3 (Selecting the excitation mode, and selecting one edge or both edges of the CLOCK)] Excitation select mode terminal (See the sample application circuit for excitation mode selection), selecting the CLOCK input edge(s). Mode setting active timing Do not change the mode within 7 μs of the input rising or falling edge of the CLOCK signal. [RESETB (System-wide reset)] The reset signal is formed by the power-on reset function built into the HIC and the RESETB terminal. When activating the internal circuits of the HIC using the power-on reset signal within the HIC, be sure to connect Pin 14 of the HIC to VDD. |
Số phần tương tự - STK672-432A-E |
|
Mô tả tương tự - STK672-432A-E |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |