công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMSF1310R2 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MMSF1310R2
Giải thích chi tiết về linh kiện  N?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF1310R2 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MMSF1310R2 Datasheet HTML 1Page - ON Semiconductor MMSF1310R2 Datasheet HTML 2Page - ON Semiconductor MMSF1310R2 Datasheet HTML 3Page - ON Semiconductor MMSF1310R2 Datasheet HTML 4Page - ON Semiconductor MMSF1310R2 Datasheet HTML 5Page - ON Semiconductor MMSF1310R2 Datasheet HTML 6Page - ON Semiconductor MMSF1310R2 Datasheet HTML 7Page - ON Semiconductor MMSF1310R2 Datasheet HTML 8Page - ON Semiconductor MMSF1310R2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Publication Order Number:
MMSF1310/D
© Semiconductor Components Industries, LLC, 2000
September, 2004 − Rev. XXX
1
MMSF1310
Preferred Device
Power MOSFET
10 Amps, 30 Volts
N−Channel SO−8
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding high
energy in the avalanche and commutation modes and the drain−to−source
diode has a very low reverse recovery time. MiniMOS
t devices are
designed for use in low voltage, high speed switching applications where
power efficiency is important. Typical applications are dc−dc converters,
and power management in portable and battery powered products such as
computers, printers, cellular and cordless phones. They can also be used
for low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer
additional safety margin against unexpected voltage transients.
Low R
DS(on) Provides Higher Efficiency and Extends Battery Life
High Speed Switching Provides High Efficiency for DC/DC
Converter
Miniature SO−8 Surface Mount Package − Saves Board Space
Diode Exhibits High Speed, With Soft Recovery
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Max
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Continuous Drain Current @ TA = 25°C
(Note 1.)
Pulsed Drain Current (Note 2.)
ID
IDM
10
50
Adc
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
2.5
W
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
THERMAL RESISTANCE
Junction−to−Ambient (Note 1.)
RθJA
50
°C/W
1. When mounted on 1
″ square FR−4 or G−10 board
(VGS = 10 V, @ 10 Seconds)
2. Repetitive rating; pulse width limited by maximum junction temperature.
Source
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
1
8
10 AMPERES
30 VOLTS
RDS(on) = 15 mW
Device
Package
Shipping
ORDERING INFORMATION
MMSF1310R2
SO−8
2500 Tape & Reel
SO−8
CASE 751
STYLE 12
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
D
S
G
S1310
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.


Số phần tương tự - MMSF1310R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MMSF1308 ONSEMI-MMSF1308 Datasheet
248Kb / 9P
   N-Channel Power MOSFET
August, 2006 ??Rev. 2
MMSF1308R2 ONSEMI-MMSF1308R2 Datasheet
248Kb / 9P
   N-Channel Power MOSFET
August, 2006 ??Rev. 2
More results

Mô tả tương tự - MMSF1310R2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTW24N40E ONSEMI-MTW24N40E Datasheet
173Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2000 ??Rev. XXX
MMDF5N02Z ONSEMI-MMDF5N02Z Datasheet
127Kb / 12P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTW16N40E ONSEMI-MTW16N40E Datasheet
123Kb / 8P
   N?묬hannel Power MOSFET
August, 2004 ??Rev. XXX
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
NTP15N40 ONSEMI-NTP15N40 Datasheet
148Kb / 4P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTB36N06V ONSEMI-MTB36N06V Datasheet
263Kb / 10P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
NTP22N06L ONSEMI-NTP22N06L Datasheet
200Kb / 7P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 2
logo
Dongguan Pingjingsemi T...
PJM1514NDJ PJSEMI-PJM1514NDJ Datasheet
892Kb / 5P
   N?묬hannel Power MOSFET
PJM1516NDJ PJSEMI-PJM1516NDJ Datasheet
984Kb / 5P
   N?묬hannel Power MOSFET
logo
ON Semiconductor
MMDF7N02Z ONSEMI-MMDF7N02Z Datasheet
256Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com