công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMSF3P03HDR2 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MMSF3P03HDR2
Giải thích chi tiết về linh kiện  P?묬hannel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF3P03HDR2 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MMSF3P03HDR2 Datasheet HTML 1Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 2Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 3Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 4Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 5Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 6Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 7Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 8Page - ON Semiconductor MMSF3P03HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMSF3P03HD
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted) (Note 1.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
30
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
10
µAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
5.0
100
nAdc
ON CHARACTERISTICS (Note 3.)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
1.0
1.5
3.9
2.0
Vdc
mV/
°C
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 3.0 Adc)
(VGS = 4.5 Vdc, ID = 1.5 Adc)
RDS(on)
0.080
0.090
0.100
0.110
Ohm
Forward Transconductance (VDS = 3.0 Vdc, ID = 1.5 Adc)
gFS
3.0
5.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
24 Vd
V
0Vd
Ciss
1015
1420
pF
Output Capacitance
(VDS = 24 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
470
660
Transfer Capacitance
f = 1.0 MHz)
Crss
135
190
SWITCHING CHARACTERISTICS (Note 4.)
Turn−On Delay Time
td(on)
26
52
ns
Rise Time
(VDS = 15 Vdc, ID = 3.0 Adc,
VGS =45Vdc
tr
102
204
Turn−Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(off)
67
134
Fall Time
RG
6.0
Ω)
tf
69
138
Turn−On Delay Time
td(on)
14
28
Rise Time
(VDS = 15 Vdc, ID = 3.0 Adc,
VGS =10Vdc
tr
32
64
Turn−Off Delay Time
VGS = 10 Vdc,
RG = 6.0 Ω)
td(off)
104
208
Fall Time
RG
6.0
Ω)
tf
66
132
Gate Charge
QT
32.4
45
nC
(VDS = 24 Vdc, ID = 3.0 Adc,
Q1
2.7
(VDS
24 Vdc, ID
3.0 Adc,
VGS = 10 Vdc)
Q2
9.0
Q3
6.9
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 1.)
(IS = 3.0 Adc, VGS = 0 Vdc)
(IS = 3.0 Adc, VGS = 0 Vdc,
TJ = 125°C)
VSD
1.3
0.85
2.0
Vdc
Reverse Recovery Time
trr
31
ns
(IS = 3.0 Adc,
ta
22
(IS
3.0 Adc,
dIS/dt = 100 A/µs)
tb
9.0
Reverse Recovery Stored Charge
QRR
0.034
µC
1. Negative sign for P−Channel device omitted for clarity.
3. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperature.


Số phần tương tự - MMSF3P03HDR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
More results

Mô tả tương tự - MMSF3P03HDR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MTB23P06V ONSEMI-MTB23P06V Datasheet
263Kb / 10P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTP6P20E ONSEMI-MTP6P20E Datasheet
208Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 2
MTSF2P02HD ONSEMI-MTSF2P02HD Datasheet
284Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTP30P06V ONSEMI-MTP30P06V Datasheet
210Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 6
MTSF1P02HD ONSEMI-MTSF1P02HD Datasheet
287Kb / 12P
   P?묬hannel Power MOSFET
February, 2005 ??Rev. XXX
MTP5P06V ONSEMI-MTP5P06V Datasheet
207Kb / 7P
   P?묬hannel Power MOSFET
August, 2006 ??Rev. 3
MTSF2P03HD ONSEMI-MTSF2P03HD Datasheet
288Kb / 12P
   P?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MTD20P03HDL ONSEMI-MTD20P03HDL Datasheet
94Kb / 9P
   P?묬hannel DPAK Power MOSFET
July, 2006 ??Rev. 7
NTLJS3A18PZ ONSEMI-NTLJS3A18PZ Datasheet
134Kb / 6P
   Single P?묬hannel Power MOSFET
November, 2012 ??Rev. 0
MTD20P06HDL ONSEMI-MTD20P06HDL Datasheet
91Kb / 8P
   P?묬hannel DPAK Power MOSFET
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com