công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8803IDBTG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện DAC8803IDBTG4
Giải thích chi tiết về linh kiện  Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC8803IDBTG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  DAC8803IDBTG4 Datasheet HTML 1Page - Texas Instruments DAC8803IDBTG4 Datasheet HTML 2Page - Texas Instruments DAC8803IDBTG4 Datasheet HTML 3Page - Texas Instruments DAC8803IDBTG4 Datasheet HTML 4Page - Texas Instruments DAC8803IDBTG4 Datasheet HTML 5Page - Texas Instruments DAC8803IDBTG4 Datasheet HTML 6Page - Texas Instruments DAC8803IDBTG4 Datasheet HTML 7Page - Texas Instruments DAC8803IDBTG4 Datasheet HTML 8Page - Texas Instruments DAC8803IDBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
DAC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
A0
A1
EN
A
B
C
D
2:4
Decode
SDO
SDI
CS
CLK
DGND
RS
MSB
LDAC
AGNDF
AGNDD
IOUTD
RFBD
AGNDC
IOUTC
RFBC
AGNDB
IOUTC
RFBB
AGNDA
IOUTA
RFBA
A B C D
VREF
Input
Register
R
Input
Register
R
Input
Register
R
Input
Register
R
Power-On
Reset
DAC A
Register
R
DAC B
Register
R
DAC C
Register
R
DAC D
Register
R
DAC A
DAC B
DAC C
DAC D
14
DAC8803
SBAS340C – JANUARY 2005 – REVISED FEBRUARY 2006
Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
Relative Accuracy: 1 LSB Max
The DAC8803 is a quad, 14-bit, current-output
digital-to-analog converter (DAC) designed to operate
Differential Nonlinearity: 1 LSB Max
from a single +2.7-V to 5-V supply.
2-mA Full-Scale Current
with VREF = ±10 V
The applied external reference input voltage VREF
0.5-µs Settling Time
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature tracking
Midscale or Zero-Scale Reset
for the full-scale output when combined with an
Four Separate 4Q Multiplying Reference
external I-to-V precision amplifier.
Inputs
A doubled buffered serial data interface offers
Reference Bandwidth: 10 MHz
high-speed,
3-wire,
SPI
and
microcontroller
Reference Dynamics: -105 dB THD
compatible inputs using serial data in (SDI), clock
SPI™-Compatible 3-Wire Interface:
(CLK), and a chip select (CS). In addition, a serial
50-MHz
data out pin (SDO) allows for daisy chaining when
Double Buffered Registers Enable
multiple
packages
are
used.
A
common
level-sensitive load DAC strobe (LDAC) input allows
Simultaneous Multichannel Update
simultaneous
update
of
all
DAC
outputs
from
Internal Power-On Reset
previously loaded input registers. Additionally, an
Compact SSOP-28 Package
internal power-on reset forces the output voltage to
zero at system turn on. An MSB pin allows system
Industry-Standard Pin Configuration
reset assertion (RS) to force all registers to zero code
when MSB = 0, or to half-scale code when MSB = 1.
Automatic Test Equipment
The DAC8803 is packaged in an SSOP package.
Instrumentation
Digitally-Controlled Calibration
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a trademark of Motorola, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - DAC8803IDBTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8803IDBT TI-DAC8803IDBT Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8803IDBTG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com