công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM71 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM71
Giải thích chi tiết về linh kiện   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM71 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM71_15 Datasheet HTML 1Page - Texas Instruments LM71_15 Datasheet HTML 2Page - Texas Instruments LM71_15 Datasheet HTML 3Page - Texas Instruments LM71_15 Datasheet HTML 4Page - Texas Instruments LM71_15 Datasheet HTML 5Page - Texas Instruments LM71_15 Datasheet HTML 6Page - Texas Instruments LM71_15 Datasheet HTML 7Page - Texas Instruments LM71_15 Datasheet HTML 8Page - Texas Instruments LM71_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM71, LM71-Q1
SNIS125D – MARCH 2004 – REVISED MARCH 2013
www.ti.com
Device Number
Thermal Resistance (
θJA)
LM71CIMF/LM71QCIMF
250°C/W
LM71CISD
57.6°C/W
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V(1). Boldface limits apply for T
A = TJ = TMIN to
TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
LM71CIMF
Units
Parameter
Conditions
Typical(2)
LM71CISD
(Limit)
Limits(3)
TA = −10°C to +65°C
±1.5
°C (max)
Temperature Error(1)(4)
TA = −40°C to +85°C
±2.0
°C (max)
TA = −40°C to +150°C
+3/
−2
°C (max)
14
Bits
Resolution
0.03125
°C
Temperature Conversion Time
See(5)
200
270
ms (max)
Quiescent Current
Serial Bus Inactive
300
550
μA (max)
(1)
The LM71 will operate properly over the V+ supply voltage range of 2.65V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(4)
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an
error of 0.64°C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
(5)
This specification is provided only to indicate how often temperature data is updated. The LM71 can be read at any time without regard
to conversion state (and will yield last conversion result). A conversion in progress will not be interrupted. The output shift register will be
updated at the completion of the read and a new conversion restarted.
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
+ = 2.65V to 3.6V(1). Boldface limits apply for T
A = TJ = TMIN to
TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
Units (Limit)
V+ × 0.7
V (min)
VIN(1)
Logical “1” Input Voltage
V+ + 0.3
V (max)
−0.3
V (min)
VIN(0)
Logical “0” Input Voltage
V+ × 0.3
V (max)
Input Hysteresis Voltage
V+ = 3.0V to 3.6V
0.4
0.33
V (min)
IIN(1)
Logical “1” Input Current
VIN = V
+
0.005
3.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−3.0
μA (min)
CIN
All Digital Inputs
20
pF
VOH
High Level Output Voltage
IOH = −400 μA
2.4
V (min)
VOL
Low Level Output Voltage
IOL = +2 mA
0.4
V (max)
VO = GND
−1
μA (min)
IO_TRI-STATE
TRI-STATE Output Leakage Current
VO = V
+
+1
μA (max)
(1)
The LM71 will operate properly over the V+ supply voltage range of 2.65V to 5.5V.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are ensured to AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM71 LM71-Q1


Số phần tương tự - LM71_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LM7101G-TR ROHM-LM7101G-TR Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
logo
National Semiconductor ...
LM7121 NSC-LM7121 Datasheet
666Kb / 19P
   235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
[Old version datasheet]   235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7121IM NSC-LM7121IM Datasheet
666Kb / 19P
   235 MHz Tiny Low Power Voltage Feedback Amplifier
More results

Mô tả tương tự - LM71_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com