công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM45CIM3X bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM45CIM3X
Giải thích chi tiết về linh kiện  SOT-23 Precision Centigrade Temperature Sensors8
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM45CIM3X bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM45CIM3X Datasheet HTML 1Page - Texas Instruments LM45CIM3X Datasheet HTML 2Page - Texas Instruments LM45CIM3X Datasheet HTML 3Page - Texas Instruments LM45CIM3X Datasheet HTML 4Page - Texas Instruments LM45CIM3X Datasheet HTML 5Page - Texas Instruments LM45CIM3X Datasheet HTML 6Page - Texas Instruments LM45CIM3X Datasheet HTML 7Page - Texas Instruments LM45CIM3X Datasheet HTML 8Page - Texas Instruments LM45CIM3X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM45
www.ti.com
SNIS117C – AUGUST 1999 – REVISED FEBRUARY 2013
LM45 SOT-23 Precision Centigrade Temperature Sensors
Check for Samples: LM45
1
FEATURES
DESCRIPTION
The LM45 series are precision integrated-circuit
2
Calibrated Directly in ° Celsius (Centigrade)
temperature sensors, whose output voltage is linearly
Linear + 10.0 mV/°C Scale Factor
proportional to the Celsius (Centigrade) temperature.
±3°C Accuracy Guaranteed
The LM45 does not require any external calibration or
trimming to provide accuracies of ±2°C at room
Rated for Full
−20° to +100°C Range
temperature and ±3°C over a full
−20 to +100°C
Suitable for Remote Applications
temperature range. Low cost is assured by trimming
Low Cost Due to Wafer-Llevel Trimming
and calibration at the wafer level. The LM45's low
output impedance, linear output, and precise inherent
Operates from 4.0V to 10V
calibration make interfacing to readout or control
Less than 120
μA Current Drain
circuitry especially easy. It can be used with a single
Low Self-Heating, 0.20°C in Still Air
power supply, or with plus and minus supplies. As it
draws only 120
μA from its supply, it has very low
Nonlinearity Only ±0.8°C Max Over Temp
self-heating, less than 0.2°C in still air. The LM45 is
Low Impedance Output, 20
Ω for 1 mA Load
rated to operate over a
−20° to +100°C temperature
range.
APPLICATIONS
Battery Management
Connection Diagram
FAX Machines
Printers
Portable Medical Instruments
HVAC
Power Supply Modules
Figure 1. SOT-23
Disk Drives
Top View
Computers
Package Number DBZ0003A
Automotive
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM45CIM3X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM45CIM3X NSC-LM45CIM3X Datasheet
215Kb / 9P
   SOT-23 Precision Centigrade Temperature Sensors
LM45CIM3X NSC-LM45CIM3X Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45CIM3X NSC-LM45CIM3X Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
More results

Mô tả tương tự - LM45CIM3X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM45B NSC-LM45B Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45 Datasheet
215Kb / 9P
   SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM50 TI-LM50_15 Datasheet
830Kb / 15P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
   SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
   SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
[Old version datasheet]   SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90 Datasheet
910Kb / 14P
[Old version datasheet]   LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com