công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC674AKP bảng dữ liệu(PDF) 6 Page - Burr-Brown (TI) |
|
|
ADC674AKP bảng dữ liệu(HTML) 6 Page - Burr-Brown (TI) |
6 / 6 page 6 ® ADC674A NOTE: Specifications are at + 25 °C and measured at 50% level of transitions. SYMBOL PARAMETER MIN TYP MAX UNITS Convert Mode tDSC STS Delay from CE 60 200 ns tHEC CE Pulse Width 50 30 ns tSSC CS to CE Setup 50 20 ns tHSC CS Low During CE High 50 20 ns tSRC R/C to CE Setup 50 0 ns tHRC R/C Low During CE High 50 20 ns tSAC AO To CE Setup 0 ns tHAC AO Valid During CE high 50 20 ns tC Conversion Time, 12 Bit Cycle 9 12 15 µs 8 Bit Cycle 6 8 10 µs Read Mode tDD Access Time From CE 75 150 ns tHD Data Valid After CE Low 25 35 ns tHL Output Float Delay 100 150 ns tSSR CS to CE Setup 50 0 ns tSRR R/C to CE Setup 0 ns tSAR AO to CE Setup 50 25 ns tHSR CS Valid After CE Low 0 ns tHRR R/C high After CE Low 0 ns tHAR AO Valid After CE Low 50 ns tHS STS delay After Data Valid 100 300 600 ns TABLE IV. Timing Specifications The STATUS output indicates the current state of the con- verter by being in a high state only during conversion. During this time the three state output buffers remain in a high-impedance state, and therefore data cannot be read during conversion. During this period additional transitions of the three digital inputs which control conversion will be ignored, so that conversion cannot be prematurely termi- nated or restarted. However, if A O changes state after the beginning of conversion, any additional start conversion transition will latch the new state of A O, possibly resulting in an incorrect conversion length (8 bits vs 12 bits) for that conversion. READING OUTPUT DATA After conversion is initiated, the output data buffers remain in a high-impedance state until the following four logic conditions are simultaneously met: R/C high, STATUS low, CE high, and CS low. Upon satisfaction of these conditions the data lines are enabled according to the state of inputs 12/8 and AO. See Figure 4 and Table IV for timing relation- ships and specifications. FIGURE 4. Read Cycle Timing. CE t SSR CS A O Data Valid DB11-DB0 High-Z STATUS R/C t SRR t SAR t DD t HS t HL t HD t HAR t HRR t HSR The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. |
Số phần tương tự - ADC674AKP |
|
Mô tả tương tự - ADC674AKP |