công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M4024 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
M4024 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 11 page 6 For logic: typ. mA, max. mA For LC drive: typ. mA, max. mA Others ( ) : typ. mA, max. mA CHECK LIST FOR CUSTOM DESIGNED LCD MODULE 1. Company 2. Application 3. Customer Specified Part No. 6. Display Contents Internal External Unnecessary Compensation range: 0 °C to 50°C °C to °C 20. Schedule Character type: characters lines Character font x dots + cursor Character pitch x mm Dot pitch x mm Dot size x mm Graphics (Full dot) type: x dots Dot pitch x mm Dot size x mm Segment type: digits lines Others 12. Current Consumption 13. Contrast Adjustment 8. Driving Method Multiplexing:1/ duty, 1/ bias Frame frequency: Hz A x B : Module size x mm E x F : Viewing area x mm P x Q : Active display area x mm C : Length between mounting holes mm D : Length between mounting holes mm M : Diameter of mounting hole mm H : Total thickness mm H1 : Upper thickness mm H2 : Lower thickness mm Viewing angle: 6 o'clock 12 o'clock o'clock Type: TN FSTN (Black and white) STN ( Yellow green Gray Blue) Chromaticity coordinates ( ≤ x ≤ , ≤ y ≤ ) Positive type Negative type Reflective Transflective Transmissive Others Gray scale: Yes gray scale No Preferential specifications: Response time ton ms ( °C) toff ms ( °C) Viewing angle deg. ( °C) Contrast ( °C) Others LCD surface finishing: Normal Anti-glare Polarizer color: Normal (neutral gray) Red Green Blue 9. IC LCD driver: Specified Unspecified Segment driver (Manufacturer ) Common driver (Manufacturer ) Controller: Internal External Type No. (Manufacturer ) MPU: Internal External Type No. (Manufacturer ) RAM: Internal External Type No. /Memory size (Kbit) (Manufacturer ) Single power supply: 5V V 2 power supplies For logic: (VDD-VSS) : 5V V For LC drive: (VLC-VSS) : V 15. Input/Output Terminals Specifying allocation: Yes No Specifying position: Yes No Internal External Unnecessary Method: Temp. compensation circuit Volume Estimate: Sample: Delivery , Quantity: pcs Mass production: Target price: Delivery , Total quantity: pcs Quantity per month pcs 17. Connector Internal External Unnecessary Type No. (Manufacturer ) 18. Backlight 19. Others Internal External Unnecessary EL: Green White LED: Yellow green Amber CFL: White Incandescent lamp Others Backlight type Edge backlight type Brightness: cd/m2 Inverter: Internal External Unnecessary Power supply voltage V Current consumption (backlight included) mA Brightness control: Yes No A C P E H1 H2 H M 4. Design New Modified : Manufacturer , Part No. , Remarks Equivalent: Manufacturer , Part No. , Remarks 5. LCM Dimensions 7. LCD Panel 10. Power Supply 11. Temperature Compensation Circuit 14. Temperature Range Operating temperature range: 0 °C to 50°C °C to °C Storage temperature range: - 20 °C to 60°C °C to °C 16. Weight typ. g, max. g |
Số phần tương tự - M4024 |
|
Mô tả tương tự - M4024 |