công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTB032P06AV8 bảng dữ liệu(PDF) 9 Page - Cystech Electonics Corp.

tên linh kiện MTB032P06AV8
Giải thích chi tiết về linh kiện  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB032P06AV8 bảng dữ liệu(HTML) 9 Page - Cystech Electonics Corp.

  MTB032P06AV8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB032P06AV8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB032P06AV8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB032P06AV8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB032P06AV8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB032P06AV8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB032P06AV8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB032P06AV8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB032P06AV8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C924V8
Issued Date : 2015.10.26
Revised Date :
Page No. : 9/9
MTB032P06AV8
CYStek Product Specification
DFN3×3 Dimension
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.026
0.033
0.650
0.850
b
0.008
0.016
0.200
0.400
A1
0.006 REF
0.152 REF
e
0.022
0.030
0.550
0.750
A2
0.000
0.002
0.000
0.050
L
0.012
0.020
0.300
0.500
D
0.114
0.122
2.900
3.100
L1
0.007
0.019
0.180
0.480
D1
0.091
0.102
2.300
2.600
L2
0.000
0.004
0.000
0.100
E
0.114
0.122
2.900
3.100
L3
0.000
0.004
0.000
0.100
E1
0.124
0.136
3.150
3.450
H
0.012
0.020
0.315
0.515
E2
0.060
0.076
1.535
1.935
θ
13°
13°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
8-Lead DFN3×3 Plastic Package
CYStek Package Code: V8
Date
Code
S
S
S
G
D D D D
B032
P06A


Số phần tương tự - MTB032P06AV8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cystech Electonics Corp...
MTB032P06V8 CYSTEKEC-MTB032P06V8 Datasheet
333Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Mô tả tương tự - MTB032P06AV8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com