công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM95245 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM95245
Giải thích chi tiết về linh kiện  Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM95245 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM95245_15 Datasheet HTML 1Page - Texas Instruments LM95245_15 Datasheet HTML 2Page - Texas Instruments LM95245_15 Datasheet HTML 3Page - Texas Instruments LM95245_15 Datasheet HTML 4Page - Texas Instruments LM95245_15 Datasheet HTML 5Page - Texas Instruments LM95245_15 Datasheet HTML 6Page - Texas Instruments LM95245_15 Datasheet HTML 7Page - Texas Instruments LM95245_15 Datasheet HTML 8Page - Texas Instruments LM95245_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
2
3
4
8
7
6
5
LM95245
C1
100 pF
R1
1.3k
SMBDAT
SMBCLK
VDD
GND
OS/A0
SMBCLK
SMBDAT
D+
D-
T_CRIT
Processor
+3.3V
Standby
ALERT
SMI
Place close to
LM95245
Power Supply
Shutdown Control
Main CPU
Voltage
SMBus
Master
C2
100 pF
C4
10 µF
C3
0.1 µF
Place capacitor C2
close to LM95245
R4
1.3k
R3
1.3k
R2
1.3k
LM95245
www.ti.com
SNIS148G – OCTOBER 2007 – REVISED MARCH 2013
Typical Application
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM95245


Số phần tương tự - LM95245_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM95245CIM NSC-LM95245CIM Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM95245CIM/NOPB TI1-LM95245CIM/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM95245CIMM NSC-LM95245CIMM Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95245CIMM NSC-LM95245CIMM Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM95245CIMM TI1-LM95245CIMM Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
More results

Mô tả tương tự - LM95245_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
LM95245 NSC-LM95245 Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
ON Semiconductor
ADT7421 ONSEMI-ADT7421 Datasheet
256Kb / 20P
   Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
January, 2010 ??Rev. 5
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com