công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM95245 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện LM95245
Giải thích chi tiết về linh kiện  Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM95245 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM95245_15 Datasheet HTML 5Page - Texas Instruments LM95245_15 Datasheet HTML 6Page - Texas Instruments LM95245_15 Datasheet HTML 7Page - Texas Instruments LM95245_15 Datasheet HTML 8Page - Texas Instruments LM95245_15 Datasheet HTML 9Page - Texas Instruments LM95245_15 Datasheet HTML 10Page - Texas Instruments LM95245_15 Datasheet HTML 11Page - Texas Instruments LM95245_15 Datasheet HTML 12Page - Texas Instruments LM95245_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LM95245
www.ti.com
SNIS148G – OCTOBER 2007 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The LM95245 is a temperature sensor that measures Local and Remote temperature zones. The LM95245 uses
a
ΔVbe temperature sensing method. A differential voltage, representing temperature, is digitized using a Sigma-
Delta analog to digital converter. TruTherm BJT (Transistor) Beta Compensation Technology allows the
LM95245 to accurately sense the temperature of a thermal diode found on die fabricated using a sub-micron
process. For more information on TruTherm Technology see Applications Hints . The LM95245 is compatible
with the serial SMBus version 2.0 two-wire serial interface.
The LM95245 has OS and TCRIT open-drain digital outputs that indicate the state of the local and remote
temperature readings when compared to user-programmable limits. If enabled, the local temperature is
compared to the user-programmable Local Shared OS and TCRIT Limit Register (Default Value = 85°C). The
comparison result can trigger the T_CRIT pin and/or the OS pin depending on the settings of the Local TCRIT
Mask and OS Mask bits found in Configuration Register 1. The comparison result can also be read back from
Status Register 1. If enabled, the remote temperature is compared to the user-programmable Remote TCRIT
Limit Register (Default Value = 110°C), and the Remote OS Limit Register (Default Value = 85°C) values. The
comparison result can trigger the T_CRIT pin and/or the OS pin depending on the settings of Configuration
Register 1. The following table describes the default temperature settings for each measured temperature that
triggers T_CRIT and/or OS pins:
Output Pin
Remote, °C
Local, °C
T_CRIT
110
85
OS
85
85
The following table describes the limit register mapping to the T_CRIT and/or OS pins:
Output Pin
Remote
Local
T_CRIT
Remote TCRIT Limit
Local Shared OS/TCRIT Limit
OS
Remote OS Limit
Local Shared OS/TCRIT Limit
The T_CRIT and OS outputs are open-drain, active low.
The remote temperature readings support a programmable digital filter. Based on the settings in Configuration
Register 2 a digital filter can be turned on to improve the noise performance of the remote temperature as well as
to increase the resolution of the temperature reading. If the filter is enabled the filtered readings are used for
TCRIT and OS comparisons. The LM95245 may be placed in low power consumption (Standby) mode by setting
the STOP/RUN bit found in Configuration Register 1. In the Standby mode, the LM95245’s SMBus interface
remains active while all circuitry not required is turned off. In the Standby mode the host can trigger one round of
conversions by writing to the One-Shot Register. The value written into this register is not kept. Local and
Remote temperatures will be converted once and the T_CRIT and OS pins will reflect the comparison results
based on this set of conversions results.
All the temperature readings are in 16-bit left-justified word format. The 10-bit plus sign local temperature reading
is contained in two 8-bit registers: Local Temp MSB and Local Temp LSB Registers. The remote temperature
supports both a 13-bit unsigned and a 12-bit plus sign format. These readings are available in their
corresponding registers as described in Table 8. The lower 2-bits of the remote temperature reading will contain
temperature information only if the digital filter is enabled. If the digital filter is disabled, these two bits will read
back 0.
The signed and unsigned remote temperature readings are available simultaneously in separate registers,
therefore allowing both negative temperatures and temperatures 128°C and above to be measured.
All Limit Registers support unsigned temperature format with 1°C LSb resolution. The Local Shared TCRIT and
OS Limit Register is 7 bits for limits between 0°C and 127°C. The Remote Temperature TCRIT and OS Limit
Registers are 8 bits each for limits between 0°C and 255°C.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM95245


Số phần tương tự - LM95245_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM95245CIM NSC-LM95245CIM Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM95245CIM/NOPB TI1-LM95245CIM/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM95245CIMM NSC-LM95245CIMM Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95245CIMM NSC-LM95245CIMM Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM95245CIMM TI1-LM95245CIMM Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
More results

Mô tả tương tự - LM95245_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
LM95245 NSC-LM95245 Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
ON Semiconductor
ADT7421 ONSEMI-ADT7421 Datasheet
256Kb / 20P
   Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
January, 2010 ??Rev. 5
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com