công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM95235QEIMM bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM95235QEIMM
Giải thích chi tiết về linh kiện  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM95235QEIMM bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM95235QEIMM Datasheet HTML 1Page - Texas Instruments LM95235QEIMM Datasheet HTML 2Page - Texas Instruments LM95235QEIMM Datasheet HTML 3Page - Texas Instruments LM95235QEIMM Datasheet HTML 4Page - Texas Instruments LM95235QEIMM Datasheet HTML 5Page - Texas Instruments LM95235QEIMM Datasheet HTML 6Page - Texas Instruments LM95235QEIMM Datasheet HTML 7Page - Texas Instruments LM95235QEIMM Datasheet HTML 8Page - Texas Instruments LM95235QEIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
2
3
4
8
7
6
5
LM95235
C1
100 pF
R1
1.3k
SMBDAT
SMBCLK
VDD
GND
OS/A0
SMBCLK
SMBDAT
D+
D-
T_CRIT
Processor
+3.3V
Standby
ALERT
SMI
Place close to
LM95235
Power Supply
Shutdown Control
Main CPU
Voltage
SMBus
Master
C2
100 pF
C4
10 µF
C3
0.1 µF
Place capacitor C2
close to LM95235
R4
1.3k
R3
1.3k
R2
1.3k
LM95235
LM95235-Q1
www.ti.com
SNIS142F – APRIL 2006 – REVISED MARCH 2013
Table 1. Pin Descriptions
Pin
Name
Type
Description
Number
Device power supply. Requires bypass capacitor of 10 µF in parallel with 0.1 µF and 100
1
VDD
Power
pF. Place 100 pF closest to device pin.
2
D+
Analog Input/Output
Positive input from the thermal diode.
3
D-
Analog Input/Output
Negative input from the thermal diode.
4
T_CRIT
Digital Output
Critical temperature output. Open-drain output requires pull-up resistor. Active low.
5
GND
Ground
Device ground.
Over-temperature shutdown comparator output or SMBus slave address input. Defaults
as an SMBus slave address input that selects one of three addresses. Can be tied to
6
OS/A0
Digital Input/Output
VDD, GND, or to the middle of a resistor divider connected between VDD and GND. When
programmed as an OS comparator output it is active low and open drain.
7
SMBDAT
Digital Input/Output
SMBus interface data pin. Open-drain output requires pull-up resistor.
8
SMBCLK
Digital Input
SMBus interface clock pin.
Typical Application
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM95235 LM95235-Q1


Số phần tương tự - LM95235QEIMM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM95235QEIMM NSC-LM95235QEIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235QEIMMX NSC-LM95235QEIMMX Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Mô tả tương tự - LM95235QEIMM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com