công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK672-120-SL-E bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện STK672-120-SL-E
Giải thích chi tiết về linh kiện  2-phase Stepping Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-120-SL-E bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button STK672-120-SL-E Datasheet HTML 2Page - ON Semiconductor STK672-120-SL-E Datasheet HTML 3Page - ON Semiconductor STK672-120-SL-E Datasheet HTML 4Page - ON Semiconductor STK672-120-SL-E Datasheet HTML 5Page - ON Semiconductor STK672-120-SL-E Datasheet HTML 6Page - ON Semiconductor STK672-120-SL-E Datasheet HTML 7Page - ON Semiconductor STK672-120-SL-E Datasheet HTML 8Page - ON Semiconductor STK672-120-SL-E Datasheet HTML 9Page - ON Semiconductor STK672-120-SL-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK672-120-SL-E
No. A2140-6/11
Usage Notes
• 5V system input pins
[RESETB and CLOCK
〈〈Input signal timing when power is first applied〉〉]
As shown in the timing chart, a RESETB signal input is required by the driver to operate with the timing in which the
F1 gate is turned on first. The RESETB signal timing must be set up to have a width of at least 20μs, as shown below.
The capacitor CO4 and the resistor RO3 in the application circuit form simple reset circuit that uses the RC time
constant rising time. However, when designing the RESETB input based on CMOS levels, the application must have
the timing shown in figure 2.
Rise of the 5V supply voltage
RESETB signal input
CLOCK signal
At least 10
μs
At least 20
μs
Figure 2 RESETB and CLOCK Signals Input Timing
See the timing chart for details on the CLOCK, MODE, CWB, and other input pins.
[Vref
〈〈Motor current peak value setting〉〉]
In the sample application circuit, the peak value of the motor current (IOH) is set by RO1, RO2, and VDD (5V) as
described by the formula below.
Figure 3 Motor Current IO Flowing into the Driver IC
IOH = Vref÷Rs Here, Rs is hybrid IC internal current detection resistor
Vref = (RO2
÷ (RO1+RO2)) ×5V
STK672-120-SL-E: Rs = 0.165
Ω
• Allowable motor current operating range
The motor current (IOH) must be held within the range corresponding to the area under the curve shown in figure 1.
For example, if the operating substrate temperature Tc is 105
°C, then IOH must be held under IOH = 2.4A, and in
hold mode IOH must be held under IOH = 2.0A.
IOH
0


Số phần tương tự - STK672-120-SL-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-120-SL-E SANYO-STK672-120-SL-E Datasheet
177Kb / 11P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Mô tả tương tự - STK672-120-SL-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com